Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT6800 Datasheet (PDF) - NXP Semiconductors

CBT6800 Datasheet PDF - NXP Semiconductors
Part # CBT6800
Download  CBT6800 Download

File Size   75.05 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-bit bus switch with precharged outputs for live insertion

CBT6800 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT6800 Datasheet PDF - NXP Semiconductors

Part # CBT6800
Download  CBT6800 Click to download

File Size   75.05 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-bit bus switch with precharged outputs for live insertion

CBT6800 Datasheet (HTML) - NXP Semiconductors

CBT6800 Datasheet HTML 1Page - NXP Semiconductors CBT6800 Datasheet HTML 2Page - NXP Semiconductors CBT6800 Datasheet HTML 3Page - NXP Semiconductors CBT6800 Datasheet HTML 4Page - NXP Semiconductors CBT6800 Datasheet HTML 5Page - NXP Semiconductors CBT6800 Datasheet HTML 6Page - NXP Semiconductors CBT6800 Datasheet HTML 7Page - NXP Semiconductors CBT6800 Datasheet HTML 8Page - NXP Semiconductors

CBT6800 Product details

DESCRIPTION

The CBT6800 provides ten bits of high-speed TTL-compatible bus switching. The low on-state resistance of the switch allows bi-directional connections to be made while adding near-zero propagation delay. The device also precharges the B port to a user-selectable bias voltage (BIASV) to minimize live-insertion noise.



FEATURES

• 5 Ω switch connection between two ports

• TTL compatible input and output levels

• Outputs are precharged by bias voltage to minimize signal distortion during live insertion

• Latch-up protection exceeds 100 mA per JESD78

• ESD protection exceeds 2000 V HBM per JESD22-A114,

200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101




Similar Part No. - CBT6800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6810DK PHILIPS-CBT6810DK Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
CBT6810PW PHILIPS-CBT6810PW Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6810PW PHILIPS-CBT6810PW Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
CBT6810PWDH PHILIPS-CBT6810PWDH Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
More results


Similar Description - CBT6800

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C6800 PERICOM-PI3C6800 Datasheet
387Kb / 5P
   2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
   3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
NXP Semiconductors
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
   20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com