Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY2013G Datasheet (PDF) - NXP Semiconductors

CGY2013G Datasheet PDF - NXP Semiconductors
Part # CGY2013G
Download  CGY2013G Download

File Size   86.19 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description GSM 4 W power amplifier

CGY2013G Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY2013G Datasheet PDF - NXP Semiconductors

Part # CGY2013G
Download  CGY2013G Click to download

File Size   86.19 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description GSM 4 W power amplifier

CGY2013G Datasheet (HTML) - NXP Semiconductors

Back Button CGY2013G Datasheet HTML 1Page - NXP Semiconductors CGY2013G Datasheet HTML 2Page - NXP Semiconductors CGY2013G Datasheet HTML 3Page - NXP Semiconductors CGY2013G Datasheet HTML 4Page - NXP Semiconductors CGY2013G Datasheet HTML 5Page - NXP Semiconductors CGY2013G Datasheet HTML 6Page - NXP Semiconductors CGY2013G Datasheet HTML 7Page - NXP Semiconductors CGY2013G Datasheet HTML 8Page - NXP Semiconductors CGY2013G Datasheet HTML 9Page - NXP Semiconductors CGY2013G Datasheet HTML 10Page - NXP Semiconductors Next Button 

CGY2013G Product details

GENERAL DESCRIPTION
The CGY2013G is a GSM class 4 GaAs Monolithic Microwave Integrated Circuit (MMIC) power amplifier specifically designed to operate at 3.6 V battery supply.
The PA requires only a 30 dB harmonic low-pass filter to comply with the GSM transmit spurious specification. It can be switched off and its power controlled by monitoring the actual drain voltage applied to the amplifier stages.

FEATURES
• Power Amplifier (PA) overall efficiency 52%
• 35.5 dB gain
• 0 dBm input power
• Gain control range >55 dB
• Low output noise floor of PA < −130 dBm/Hz in GSM RX band
• Wide operating temperature range −20 to +85 °C
• LQFP 48 pin package
• Compatible with power ramping controller PCF5077
• Compatible with GSM RF transceiver SA1620.

APPLICATIONS
• 880 to 915 MHz hand-held transceivers for E-GSM applications
• 900 MHz Time Division Multiple Access (TDMA) systems.




Similar Part No. - CGY2013G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2010G PHILIPS-CGY2010G Datasheet
79Kb / 12P
   GSM 4 W power amplifiers
1996 Jul 08
CGY2011G PHILIPS-CGY2011G Datasheet
79Kb / 12P
   GSM 4 W power amplifiers
1996 Jul 08
CGY2014 PHILIPS-CGY2014 Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
More results


Similar Description - CGY2013G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2010G PHILIPS-CGY2010G Datasheet
79Kb / 12P
   GSM 4 W power amplifiers
1996 Jul 08
logo
M/A-COM Technology Solu...
MAAP-011139 MA-COM-MAAP-011139 Datasheet
1Mb / 12P
   Power Amplifier, 4 W
MAAP-011161 MA-COM-MAAP-011161 Datasheet
1,009Kb / 11P
   4 W Power Amplifier
MAAP-011139-DIE MA-COM-MAAP-011139-DIE Datasheet
1Mb / 12P
   Power Amplifier, 4 W
MAAP-011193 MA-COM-MAAP-011193 Datasheet
1Mb / 9P
   4 W Power Amplifier
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
   Multiband GSM Power Amplifier
logo
RF Micro Devices
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
   3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
   3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
   3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G_07 Datasheet
831Kb / 22P
   3V GSM POWER AMPLIFIER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com