Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3011ZF Datasheet (PDF) - Allegro MicroSystems

SI-3011ZF Datasheet PDF - Allegro MicroSystems
Part # SI-3011ZF
Download  SI-3011ZF Download

File Size   209.32 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High-Current, Low-Dropout, 1.1~5 V Regulato

SI-3011ZF Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3011ZF Datasheet PDF - Allegro MicroSystems

Part # SI-3011ZF
Download  SI-3011ZF Click to download

File Size   209.32 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High-Current, Low-Dropout, 1.1~5 V Regulato

SI-3011ZF Datasheet (HTML) - Allegro MicroSystems

SI-3011ZF Datasheet HTML 1Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 2Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 3Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 4Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 5Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 6Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 7Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 8Page - Allegro MicroSystems

SI-3011ZF Product details

FEATURES
■ 3 A Output Current
■ 0.7 V Maximum Dropout Voltage at IO = 3 A
■ 1 µA Maximum Standby Current
■ Adjustable 1.1 ~ 5 V Output Voltage
■ Remote Voltage Sensing
■ Foldback Current Limiting
■ Thermal Protection




Similar Part No. - SI-3011ZF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
logo
Allegro MicroSystems
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3011ZFE SANKEN-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
More results


Similar Description - SI-3011ZF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
logo
Texas Instruments
TPS763 TI-TPS763_15 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150mA LOW-DROPOUT LINEAR REGULATO
logo
Allegro MicroSystems
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
SI-3025ZD ALLEGRO-SI-3025ZD Datasheet
404Kb / 9P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
NXP Semiconductors
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com