Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4010 Datasheet (PDF) - Fairchild Semiconductor

FAN4010 Datasheet PDF - Fairchild Semiconductor
Part # FAN4010
Download  FAN4010 Download

File Size   246.47 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High-Side Current Sensor

FAN4010 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN4010 Datasheet PDF - Fairchild Semiconductor

Part # FAN4010
Download  FAN4010 Click to download

File Size   246.47 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High-Side Current Sensor

FAN4010 Datasheet (HTML) - Fairchild Semiconductor

FAN4010 Datasheet HTML 1Page - Fairchild Semiconductor FAN4010 Datasheet HTML 2Page - Fairchild Semiconductor FAN4010 Datasheet HTML 3Page - Fairchild Semiconductor FAN4010 Datasheet HTML 4Page - Fairchild Semiconductor FAN4010 Datasheet HTML 5Page - Fairchild Semiconductor FAN4010 Datasheet HTML 6Page - Fairchild Semiconductor FAN4010 Datasheet HTML 7Page - Fairchild Semiconductor FAN4010 Datasheet HTML 8Page - Fairchild Semiconductor FAN4010 Datasheet HTML 9Page - Fairchild Semiconductor FAN4010 Datasheet HTML 10Page - Fairchild Semiconductor

FAN4010 Product details

Description

The FAN4010 is a high-side current sense amplifier designed for battery-powered systems. Using the FAN4010 for high-side power-line monitoring does not interfere with the battery charger’s ground path. The FAN4010 is designed for portable PCs, cellular phones, and other portable systems where battery/DC power-line monitoring is critical.

To provide a high level of flexibility, the FAN4010 functions with an external sense resistor to set the range of load current to be monitored. It has a current output that can be converted to a ground-referred voltage with a single resistor, accommodating a wide range of battery voltages and currents. The FAN4010 features allow it to be used for gas gauging as well as uni-directional or bi-directional current monitoring.



Features at +5V

■ Low cost, accurate, high-side current sensing

■ Output voltage scaling

■ Up to 2.5V sense voltage

■ 2V to 6V supply range

■ 2μA typical offset current

■ 3.5μA quiescent current

■ -0.2% accuracy

■ 6-lead MicroPak™ MLP package



Applications

■ Battery chargers

■ Smart battery packs

■ DC motor control

■ Over-current monitor

■ Power management

■ Programmable current source



 




Similar Part No. - FAN4010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4010 FAIRCHILD-FAN4010 Datasheet
453Kb / 9P
   High-Side Current Sensor
logo
ON Semiconductor
FAN4010 ONSEMI-FAN4010 Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
FAN4010IL6X ONSEMI-FAN4010IL6X Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
FAN4010IL6X-F113 ONSEMI-FAN4010IL6X-F113 Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
logo
Fairchild Semiconductor
FAN4010IL6X_F113 FAIRCHILD-FAN4010IL6X_F113 Datasheet
453Kb / 9P
   High-Side Current Sensor
More results


Similar Description - FAN4010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4010 FAIRCHILD-FAN4010_08 Datasheet
453Kb / 9P
   High-Side Current Sensor
logo
ON Semiconductor
FAN4010 ONSEMI-FAN4010 Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
logo
Microchip Technology
PAC1921 MICROCHIP-PAC1921 Datasheet
1Mb / 56P
   High-Side Current/Power Sensor
01/27/15
logo
Texas Instruments
BQ500100 TI1-BQ500100 Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
logo
Supertex, Inc
HV7800 SUTEX-HV7800 Datasheet
365Kb / 6P
   High Side Current Monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009_11 Datasheet
203Kb / 8P
   HIGH-SIDE CURRENT MONITOR
logo
TECH PUBLIC Electronics...
TP1001S3 TECHPUBLIC-TP1001S3 Datasheet
1Mb / 5P
   HIGH-SIDE CURRENT MONITOR
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
   HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
   HIGH-SIDE CURRENT MONITOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com