Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH211 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AH211 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AH211
Download  AH211 Download

File Size   191.61 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT

AH211 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH211 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AH211
Download  AH211 Click to download

File Size   191.61 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT

AH211 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AH211 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AH211 Product details

General Description
The AH211 is an integrated Hall sensor with output driver and frequency generator designed for electronic commutation of brush-less DC motor applications. The device includes an on-chip Hall sensor for magnetic sensing, an amplifier that amplifies the Hall voltage, a Schmitt trigger to provide switching hysteresis for noise rejection, a temperature compensation circuit to compensate the temperature drift of Hall sensitivity, two complementary open-collector drivers for sinking large load current. It also includes an internal band-gap regulator which is used to provide bias voltage for internal circuits.

Features
• On-Chip Hall Sensor
• 3.5V to 16V Supply Voltage
• 400mA (avg) Output Sink Current
• -20°C to 85°CC Operating Temperature
• Built-in FG Output
• Low Profile TO-94 (SIP-4L) Package
• ESD Rating: 300V (Machine Model)

Applications
• Dual-Coil Brushless DC Motor
• Dual-Coil Brushless DC Fan
• Revolution Counting
• Speed Measurement




Similar Part No. - AH211

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-AE1 DIODES-AH211Z4-AE1 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-AG1 DIODES-AH211Z4-AG1 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-BE1 DIODES-AH211Z4-BE1 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-BG1 DIODES-AH211Z4-BG1 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
More results


Similar Description - AH211

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287 BCDSEMI-AH287_09 Datasheet
596Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Unisonic Technologies
UH211 UTC-UH211 Datasheet
204Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Anpec Electronics Corop...
APX9145 ANPEC-APX9145 Datasheet
155Kb / 10P
   High Sensitivity Hall Effect Sensor IC with FG Output
logo
Unisonic Technologies
H1277 UTC-H1277 Datasheet
191Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Allegro MicroSystems
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
   Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com