Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC08EN Datasheet (PDF) - NXP Semiconductors

DAC08EN Datasheet PDF - NXP Semiconductors
Part # DAC08EN
Download  DAC08EN Download

File Size   227.97 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-Bit high-speed multiplying D/A converter

DAC08EN Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC08EN Datasheet PDF - NXP Semiconductors

Part # DAC08EN
Download  DAC08EN Click to download

File Size   227.97 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-Bit high-speed multiplying D/A converter

DAC08EN Datasheet (HTML) - NXP Semiconductors

Back Button DAC08EN Datasheet HTML 1Page - NXP Semiconductors DAC08EN Datasheet HTML 2Page - NXP Semiconductors DAC08EN Datasheet HTML 3Page - NXP Semiconductors DAC08EN Datasheet HTML 4Page - NXP Semiconductors DAC08EN Datasheet HTML 5Page - NXP Semiconductors DAC08EN Datasheet HTML 6Page - NXP Semiconductors DAC08EN Datasheet HTML 7Page - NXP Semiconductors DAC08EN Datasheet HTML 8Page - NXP Semiconductors DAC08EN Datasheet HTML 9Page - NXP Semiconductors DAC08EN Datasheet HTML 10Page - NXP Semiconductors Next Button 

DAC08EN Product details

DESCRIPTION

The DAC08 series of 8-bit monolithic multiplying Digital-to-Analog Converters provide very high-speed performance coupled with low cost and outstanding applications flexibility.

Advanced circuit design achieves 70ns settling times with very low glitch and at low power consumption. Monotonic multiplying performance is attained over a wide 20-to-1 reference current range.

Matching to within 1 LSB between reference and full-scale currents eliminates the need for full-scale trimming in most applications. Direct interface to all popular logic families with full noise immunity is provided by the high swing, adjustable threshold logic inputs.



FEATURES

• Fast settling output current—70ns

• Full-scale current prematched to ±1 LSB

• Direct interface to TTL, CMOS, ECL, HTL, PMOS

• Relative accuracy to 0.1% maximum over temperature range

• High output compliance -10V to +18V

• True and complemented outputs

• Wide range multiplying capability

• Low FS current drift — ±10ppm/°C

• Wide power supply range—±4.5V to ±18V

• Low power consumption—37mW at ±5V



APPLICATIONS

• 8-bit, 1µs A-to-D converters

• Servo-motor and pen drivers

• Waveform generators

• Audio encoders and attenuators

• Analog meter drivers

• Programmable power supplies

• CRT display drivers

• High-speed modems

• Other applications where low cost, high speed and complete input/output versatility are required

• Programmable gain and attenuation

• Analog-Digital multiplication




Similar Part No. - DAC08EN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC08EP AD-DAC08EP Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08EP AD-DAC08EP Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
DAC08EPZ AD-DAC08EPZ Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
DAC08EQ AD-DAC08EQ Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08EQ AD-DAC08EQ Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
More results


Similar Description - DAC08EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com