![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
GBPC2501 - 25A GLASS PASSIVATED BRIDGE RECTIFIER - Diodes Incorporated |
|
Click GBPC2501 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| KBJ6005G_1 | 6.0A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| GBPC15005_1 | 15A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| B40C800DM | Glass Passivated Ultrafast Bridge Rectifier | Vishay Siliconix |
| DF005S_1 | 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| DF15005S_1 | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| HD01_1 | 0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| W005G_1 | 1.5A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| KBP005G_1 | 1.5A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| 2W005G_1 | 2.0A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| FBI4A7M1 | 4 Amp. Glass Passivated Bridge Rectifier | ETC |
Link URL |
|
|
Related keyword |
| GBPC2501 Datasheet | GBPC2501 Cross Reference | GBPC2501 Schematic | GBPC2501 Distributor | GBPC2501 Datenblatt | GBPC2501 RoHS |
| GBPC2501 Equivalent | GBPC2501 Application Notes | GBPC2501 Data Sheet | GBPC2501 component | GBPC2501 Fiche Technique | GBPC2501 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |