Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
ZXHF5000
(1)
ZXHF5000 - 4:2 IF switch with integrated gain and control - Zetex Semiconductors
Click Here View
ZXHF5000
Datasheet
Part No.
ZXHF5000
Description
4:2 IF switch with integrated gain and control
Download
ZXHF5000
Click here
to View
File Size
78.13 Kbytes / 2 Pages
Maker
ZETEX [Zetex Semiconductors]
Homepage
http://www.zetex.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
KS8993
3-Port
10/100
Integrated
Switch
with
PHY
and
Frame
Buffer
Micrel Semiconductor
THS7313
3-Channel
Low
Power
SDTV
Video
Amplifier
with
I2C
Control
6-dB
Gain
SAG
Correction
2:1
Input
MUX
and
Selectable
Input
Bias
Modes
Texas Instruments
TPA0212_07
STEREO
2.6-W
AUDIO
POWER
AMPLIFIER
WITH
FOUR
SELECTABLE
GAIN
SETTINGS
AND
MUX
CONTROL
Texas Instruments
ISL6322
Four-Phase
Buck
PWM
Controller
with
Integrated
MOSFET
Drivers
and
I2C
Interface
for
Intel
VR10
VR11
and
AMD
Applications
Intersil Corporation
ZL50075
32
K
Channel
Digital
Switch
with
High
Jitter
Tolerance
Rate
Conversion
per
Group
of
2
Streams
8
16
32
or
64
Mbps
and
64
Inputs
and
64
Outputs
Zarlink Semiconductor Inc
A1425_05
High
Accuracy
Analog
Speed
Sensor
with
Integrated
Filter
Capacitor
and
Dual
Zero-Crossing
Output
Signal
Allegro MicroSystems
ADE7768
Energy
Metering
IC
with
Integrated
Oscillator
and
Positive
Power
Accumulation
Analog Devices
NB4L858M
2.5V/3.3V
3
GHz
Dual
Differential
Clock/Data
2x2
Crosspoint
Switch
with
CML
Output
and
Internal
Termination
ON Semiconductor
AD1970
Digital
BTSC
Encoder
with
Integrated
ADC
and
DAC
Analog Devices
CS5301_06
Three−Phase
Buck
Controller
with
Integrated
Gate
Drivers
and
Power
Good
ON Semiconductor
Link URL :
Related keyword
ZXHF5000 Datasheet
ZXHF5000 Cross Reference
ZXHF5000 Schematic
ZXHF5000 Distributor
ZXHF5000 Datenblatt
ZXHF5000 RoHS
ZXHF5000 Equivalent
ZXHF5000 Application Notes
ZXHF5000 Data Sheet
ZXHF5000 components
ZXHF5000 Fiche Technique
ZXHF5000 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer