![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
KDZ27B - Zener diode - Rohm |
|
Click KDZ27B to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BZX84C2V4_1 | 350mW SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| EDZ18B_1 | Zener diode | Rohm |
| BZX84C2V4T_1 | 150mW SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| DDZ5V1BS | SURFACE MOUNT PRECISION ZENER DIODE | Diodes Incorporated |
| DTDG23YP_1 | 1A / 60V Digital transistor with built-in resistors and zener diode | Rohm |
| DZ23C2V7_1 | 300mW DUAL SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| EDZ20B_1 | Zener diode | Rohm |
| BZT52C43_1 | SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| DDZX5V1BTS_1 | TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY | Diodes Incorporated |
| AW01 | ZENER DIODE | Hitachi Semiconductor |
Link URL |
|
|
Related keyword |
| KDZ27B Datasheet | KDZ27B Cross Reference | KDZ27B Schematic | KDZ27B Distributor | KDZ27B Datenblatt | KDZ27B RoHS |
| KDZ27B Equivalent | KDZ27B Application Notes | KDZ27B Data Sheet | KDZ27B component | KDZ27B Fiche Technique | KDZ27B Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |