Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
74LCX273
(9)
74LCX27M
(5)
74LCX27S
(2)
74LCX27_
(1)
74LCX27M - Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs - Fairchild Semiconductor
Click Here View
74LCX27M
Datasheet
Part No.
74LCX27M
Description
Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
Download
74LCX27M
Click here
to View
File Size
110.5 Kbytes / 9 Pages
Maker
FAIRCHILD [Fairchild Semiconductor]
Homepage
http://www.fairchildsemi.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
74LCX38
Low
Voltage
Quad
2-Input
NAND
Gate
Open
Drain
with
5V
Tolerant
Inputs
Fairchild Semiconductor
74ALVC132
Low
Voltage
Quad
2-Input
NAND
Gate
with
Schmitt
Trigger
Inputs
and
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
74LCX00_05
Low
Voltage
Quad
2-Input
NAND
Gate
with
5V
Tolerant
Inputs
Fairchild Semiconductor
74VCX132_05
Low
Voltage
Quad
2-Input
NAND
Gate
with
Schmitt
Trigger
Inputs
and
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
74ALVC32_05
Low
Voltage
Quad
2-Input
OR
Gate
with
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
74VCX32
Low
Voltage
Quad
2-Input
OR
Gate
with
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
74ALVC38_05
Low
Voltage
Quad
2-Input
NAND
Gate
with
Open
Drain
Outputs
and
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
74ALVC86_05
Low
Voltage
Quad
2-Input
Exclusive-OR
Gate
with
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
74LCX00
Low
voltage
CMOS
QUAD
2-Input
NAND
gate
with
5V
tolerant
inputs
STMicroelectronics
74ALVC16245_05
Low
Voltage
16-Bit
Bidirectional
Transceiver
with
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
Link URL :
Related keyword
74LCX27M Datasheet
74LCX27M Cross Reference
74LCX27M Schematic
74LCX27M Distributor
74LCX27M Datenblatt
74LCX27M RoHS
74LCX27M Equivalent
74LCX27M Application Notes
74LCX27M Data Sheet
74LCX27M components
74LCX27M Fiche Technique
74LCX27M Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer