Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3867 Datasheet (PDF) - EPCOS

B3867 Datasheet PDF - EPCOS
Part # B3867
Download  B3867 Download

File Size   63.68 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description 300,0 MHz Low-Loss Filter

B3867 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3867 Datasheet PDF - EPCOS

Part # B3867
Download  B3867 Click to download

File Size   63.68 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description 300,0 MHz Low-Loss Filter

B3867 Datasheet (HTML) - EPCOS

B3867 Datasheet HTML 1Page - EPCOS B3867 Datasheet HTML 2Page - EPCOS B3867 Datasheet HTML 3Page - EPCOS B3867 Datasheet HTML 4Page - EPCOS B3867 Datasheet HTML 5Page - EPCOS B3867 Datasheet HTML 6Page - EPCOS

B3867 Product details

Features

●Low-loss IF filter for WLL

●Temperature stable

●High nearby selectivity

●Ceramic SMD package




Similar Part No. - B3867

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3860 EPCOS-B3860 Datasheet
63Kb / 5P
   Low-Loss Filter SAW Components
B3861 EPCOS-B3861 Datasheet
76Kb / 6P
   SAW Components Bandpass Filter 250,0 MHz
B3862 EPCOS-B3862 Datasheet
61Kb / 6P
   SAW Components Low-Loss Filter 51,00 MHz
B3863 EPCOS-B3863 Datasheet
108Kb / 7P
   SAW Components Low-Loss Filter 72,9746 MHz
B3864 EPCOS-B3864 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 119,6 MHz
More results


Similar Description - B3867

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
logo
TriQuint Semiconductor
854653 TRIQUINT-854653 Datasheet
35Kb / 1P
   70 MHz Low-Loss Filter
854652 TRIQUINT-854652 Datasheet
36Kb / 1P
   70 MHz Low-Loss Filter
854660 TRIQUINT-854660 Datasheet
44Kb / 1P
   70 MHz Low-Loss Filter
854663 TRIQUINT-854663 Datasheet
44Kb / 1P
   70 MHz Low-Loss Filter
854666 TRIQUINT-854666 Datasheet
44Kb / 1P
   70 MHz Low-Loss Filter
854667 TRIQUINT-854667 Datasheet
45Kb / 1P
   70 MHz Low-Loss Filter
854669 TRIQUINT-854669 Datasheet
45Kb / 1P
   70 MHz Low-Loss Filter
854678 TRIQUINT-854678 Datasheet
42Kb / 1P
   70 MHz Low-Loss Filter
logo
EPCOS
B3567 EPCOS-B3567 Datasheet
67Kb / 6P
   Low-loss Filter 433,42 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com