Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP25100BFH Datasheet (PDF) - Zetex Semiconductors

ZXTP25100BFH Datasheet PDF - Zetex Semiconductors
Part # ZXTP25100BFH
Download  ZXTP25100BFH Download

File Size   400.22 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 100V, SOT23, PNP medium power transistor

ZXTP25100BFH Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP25100BFH Datasheet PDF - Zetex Semiconductors

Part # ZXTP25100BFH
Download  ZXTP25100BFH Click to download

File Size   400.22 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 100V, SOT23, PNP medium power transistor

ZXTP25100BFH Datasheet (HTML) - Zetex Semiconductors

ZXTP25100BFH Datasheet HTML 1Page - Zetex Semiconductors ZXTP25100BFH Datasheet HTML 2Page - Zetex Semiconductors ZXTP25100BFH Datasheet HTML 3Page - Zetex Semiconductors ZXTP25100BFH Datasheet HTML 4Page - Zetex Semiconductors ZXTP25100BFH Datasheet HTML 5Page - Zetex Semiconductors ZXTP25100BFH Datasheet HTML 6Page - Zetex Semiconductors

ZXTP25100BFH Product details

Description
Advanced process capability and package design have been used to maximize the power handling and performance of this small outline transistor. The compact size and ratings of this device make it ideally suited to applications where space is at a premium.

Features
• High power dissipation SOT23 package
• High peak current
• Low saturation voltage
• 140V forward blocking voltaget
• 7V reverse blocking voltage

Applications
• MOSFET and IGBT gate driving
• DC - DC converters
• Motor drive
• Relay, lamp, and solenoid drive




Similar Part No. - ZXTP25100BFH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP25100BFH DIODES-ZXTP25100BFH Datasheet
407Kb / 6P
   100V, SOT23, PNP medium power transistor
ZXTP25100BFH DIODES-ZXTP25100BFH Datasheet
951Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR
ZXTP25100BFHTA DIODES-ZXTP25100BFHTA Datasheet
407Kb / 6P
   100V, SOT23, PNP medium power transistor
ZXTP25100BFHTA DIODES-ZXTP25100BFHTA Datasheet
951Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR
ZXTP25100BFH DIODES-ZXTP25100BFH_18 Datasheet
951Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR
More results


Similar Description - ZXTP25100BFH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2029F DIODES-ZXTP2029F Datasheet
439Kb / 8P
   100V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25100CFH ZETEX-ZXTP25100CFH Datasheet
450Kb / 8P
   100V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25100CFH DIODES-ZXTP25100CFH Datasheet
462Kb / 8P
   100V, SOT23, PNP medium power transistor
ZXTP2029F DIODES-ZXTP2029F_15 Datasheet
439Kb / 8P
   100V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP2029F ZETEX-ZXTP2029F Datasheet
539Kb / 6P
   100V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25100BFH DIODES-ZXTP25100BFH Datasheet
407Kb / 6P
   100V, SOT23, PNP medium power transistor
ZXTP25100CFH DIODES-ZXTP25100CFH_15 Datasheet
201Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT23
ZXTN25100BFH DIODES-ZXTN25100BFH Datasheet
398Kb / 6P
   100V, SOT23, medium power transistor
logo
Zetex Semiconductors
ZXTN25100BFH ZETEX-ZXTN25100BFH Datasheet
391Kb / 6P
   100V, SOT23, medium power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
   100V, SOT23, NPN medium power transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com