Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2001R Datasheet (PDF) - NXP Semiconductors

PCK2001R Datasheet PDF - NXP Semiconductors
Part # PCK2001R
Download  PCK2001R Download

File Size   76.93 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 14.318 . 133 MHz I2C 1:6 clock buffer

PCK2001R Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2001R Datasheet PDF - NXP Semiconductors

Part # PCK2001R
Download  PCK2001R Click to download

File Size   76.93 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 14.318 . 133 MHz I2C 1:6 clock buffer

PCK2001R Datasheet (HTML) - NXP Semiconductors

Back Button PCK2001R Datasheet HTML 1Page - NXP Semiconductors PCK2001R Datasheet HTML 2Page - NXP Semiconductors PCK2001R Datasheet HTML 3Page - NXP Semiconductors PCK2001R Datasheet HTML 4Page - NXP Semiconductors PCK2001R Datasheet HTML 5Page - NXP Semiconductors PCK2001R Datasheet HTML 6Page - NXP Semiconductors PCK2001R Datasheet HTML 7Page - NXP Semiconductors PCK2001R Datasheet HTML 8Page - NXP Semiconductors PCK2001R Datasheet HTML 9Page - NXP Semiconductors PCK2001R Datasheet HTML 10Page - NXP Semiconductors Next Button 

PCK2001R Product details

DESCRIPTION

The PCK2001R is a 1–6 fanout buffer used for 133/100 MHz CPU, 66/33 MHz PCI, 14.318 MHz REF, or 133/100/66 MHz SDRAM clock distribution. 6 outputs are typically used to support up to 4 registered SDRAM DIMMs commonly found in server applications.



FEATURES

•Typically used to support four registered SDRAM DIMMs

•16-pin SSOP package

•See PCK2001 for 48-pin 1:18 buffer part

•See PCK2001M for 28-pin 1:10 buffer part

•Optimized for 33 MHz, 66 MHz, 100 MHz and 133 MHz operation

•Part-to-part skew < 500 ps

•175 ps skew outputs typical

•Individual SDRAM clock output enable/disable via I2C

•Multiple VDD, VSSpins for noise reduction

•3.3 V operation

•ESD protection exceeds 2000 V per Standard 801.2




Similar Part No. - PCK2001R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
   14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
PCK2001DL PHILIPS-PCK2001DL Datasheet
80Kb / 13P
   14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001MDB PHILIPS-PCK2001MDB Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
More results


Similar Description - PCK2001R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
   14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2002 PHILIPS-PCK2002 Datasheet
95Kb / 12P
   0-300 MHz I2C 1:18 clock buffer
2001 Jul 19
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
logo
ON Semiconductor
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
MPC905 IDT-MPC905 Datasheet
381Kb / 7P
   1:6 PCI Clock Generator/Fanout Buffer
logo
Motorola, Inc
MPC903 MOTOROLA-MPC903 Datasheet
91Kb / 6P
   1:6 PCI CLOCK GENERATOR/ FANOUT BUFFER
logo
Integrated Device Techn...
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
   2.5V LVDS, 1:6 Clock Buffer Terabuffer
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com