Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDI1394L21 Datasheet (PDF) - NXP Semiconductors

PDI1394L21 Datasheet PDF - NXP Semiconductors
Part # PDI1394L21
Download  PDI1394L21 Download

File Size   343.29 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1394 full duplex AV link layer controller

PDI1394L21 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDI1394L21 Datasheet PDF - NXP Semiconductors

Part # PDI1394L21
Download  PDI1394L21 Click to download

File Size   343.29 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1394 full duplex AV link layer controller

PDI1394L21 Datasheet (HTML) - NXP Semiconductors

Back Button PDI1394L21 Datasheet HTML 1Page - NXP Semiconductors PDI1394L21 Datasheet HTML 2Page - NXP Semiconductors PDI1394L21 Datasheet HTML 3Page - NXP Semiconductors PDI1394L21 Datasheet HTML 4Page - NXP Semiconductors PDI1394L21 Datasheet HTML 5Page - NXP Semiconductors PDI1394L21 Datasheet HTML 6Page - NXP Semiconductors PDI1394L21 Datasheet HTML 7Page - NXP Semiconductors PDI1394L21 Datasheet HTML 8Page - NXP Semiconductors PDI1394L21 Datasheet HTML 9Page - NXP Semiconductors PDI1394L21 Datasheet HTML 10Page - NXP Semiconductors Next Button 

PDI1394L21 Product details

DESCRIPTION

The PDI1394L21, Philips Semiconductors Full Duplex 1394 Audio/Video (AV) Link Layer Controller, is an IEEE 1394–1995 compliant link layer controller featuring 2 embedded AV layer interfaces. The AV layers are designed to pack and un-pack application data packets for transmission over the IEEE 1394 bus using isochronous data transfers. Because of its full duplex architecture, the PDI1394L21 is capable of receiving and transmitting isochronous data during the same bus cycle. Two 8 bit AV ports, each with its own buffer (FIFO), receive and output isochronous data for transmission and reception of bus packets. Each port can be configured to receive or transmit, however, the other port always performs the opposite function. Half duplex operation is also permitted

The application data is packetized according to the IEC 61883 International Standard of Interface for Consumer Electronic Audio/Video Equipment. Both AV layer interfaces are byte-wide ports capable of accommodating various MPEG–2 and DVC codecs. An 80C51 compatible byte-wide host interface is provided for internal register configuration as well as performing asynchronous data transfers.



FEATURES

• IEEE 1394–1995 Standard Link Layer Controller

• Hardware Support for the IEC61883 International Standard of Digital Interface for Consumer Electronics

• Interface to any IEEE 1394–1995 Physical Layer Interface

• 5V Tolerant I/Os

• Single 3.3V supply voltage

• Full-duplex isochronous operation

• Operates with 400/200/100 Mbps physical layer devices

• Dual 4K Byte FIFOs for isochronous data

• Supports single capacitor isolation mode and IEEE 1394–1995, Annex J. isolation

• 4-field deep SYT buffer added to enhance real-time isochronous synchronization using the AVFSYNC pin

• Generates its own AV port clocks under software control. Select one of three frequencies: 24.576, 12.288, or 6.144 MHz



 




Similar Part No. - PDI1394L21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
PDI1394L11BA PHILIPS-PDI1394L11BA Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
PDI1394L40BE PHILIPS-PDI1394L40BE Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
PDI1394L41 PHILIPS-PDI1394L41 Datasheet
303Kb / 81P
   1394 content protection AV link layer controller
2000 Apr 15
More results


Similar Description - PDI1394L21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
PDI1394L41 PHILIPS-PDI1394L41 Datasheet
303Kb / 81P
   1394 content protection AV link layer controller
2000 Apr 15
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB43AA82 TI-TSB43AA82 Datasheet
770Kb / 146P
[Old version datasheet]   1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com