Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYY58A-600 Datasheet (PDF) - Zetex Semiconductors

BYY58A-600 Datasheet PDF - Zetex Semiconductors
Part # BYY58A-600
Download  BYY58A-600 Download

File Size   203.09 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50A Silicon Power Rectifier Diode

BYY58A-600 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYY58A-600 Datasheet PDF - Zetex Semiconductors

Part # BYY58A-600
Download  BYY58A-600 Click to download

File Size   203.09 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50A Silicon Power Rectifier Diode

BYY58A-600 Datasheet (HTML) - Zetex Semiconductors

BYY58A-600 Datasheet HTML 1Page - Zetex Semiconductors BYY58A-600 Datasheet HTML 2Page - Zetex Semiconductors BYY58A-600 Datasheet HTML 3Page - Zetex Semiconductors BYY58A-600 Datasheet HTML 4Page - Zetex Semiconductors BYY58A-600 Datasheet HTML 5Page - Zetex Semiconductors

BYY58A-600 Product details

Description
The BYY57A/58A are hermetically sealed 50A diodes, which are available in different reverse voltage classes up to 800V.
The diodes can be delivered with limited forward voltage and reverse current differences for parallel connecting in rectifier stacks and back-off-diodes

Features
• Forward current 50A
• Reverse voltage 75V – 800V
• Hermetic press-fit package
• Available in different modifications of the
   package

Applications
• Power supplies
• Rectifier diode in car generators
• Rectifier bridges/stacks
• Back-off-diodes




Similar Part No. - BYY58A-600

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYY58 ZETEX-BYY58 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY58-100 ZETEX-BYY58-100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY58-1000 ZETEX-BYY58-1000 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY58-1100 ZETEX-BYY58-1100 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
BYY58-1200 ZETEX-BYY58-1200 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
More results


Similar Description - BYY58A-600

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE53020 NTE-NTE53020 Datasheet
66Kb / 2P
   Silicon Bridge Rectifier, 50A
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
48Kb / 3P
   Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N6097 NAINA-1N6097 Datasheet
123Kb / 2P
   Schottky Power Diode, 50A
logo
NTE Electronics
NTE5538 NTE-NTE5538 Datasheet
23Kb / 2P
   Silicon Controlled Rectifier (SCR) 800VDRM, 50A
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
   25A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com