![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
83B2B-B12-K10L - 83/84 - 5/8 Square 10-Turn - Bourns Electronic Solutions |
|
Click 83B2B-B12-K10L to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 7274 | 7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer | ETC |
| WXW1B | Square Trimmer Potentiometer | Sharma Electro Components,Inc |
| ICX415AL | Diagonal 8mm Type 1/2 Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras | Sony Corporation |
| ICX282AK | Diagonal 11mm Type 2/3 Frame Readout CCD Image Sensor with Square Pixel for Color Cameras | Sony Corporation |
| AT10PK | 10mm Square Single-Turn Through-Hole Sealed Cermet Attenuators | ETC |
| RI-I01-112A | Tag-it HF-I Transponder Inlay - Square - | Texas Instruments |
| RI-I11-112A-03 | Tag-it¢â HF-I PLUS TRANSPONDER INLAYS SQUARE | Texas Instruments |
| RI-I11-114A-01 | Tag-it¢â HF-I STANDARD TRANSPONDER INLAYS SQUARE | Texas Instruments |
| RI-I11-114A-S1 | Tag-it¢â HF-I PRO TRANSPONDER INLAYS SQUARE | Texas Instruments |
| 3266-W-1-103LF | 1/4 Square Trimming Potentiometer | Bourns Electronic Solutions |
Link URL |
|
|
Related keyword |
| 83B2B-B12-K10L Datasheet | 83B2B-B12-K10L Cross Reference | 83B2B-B12-K10L Schematic | 83B2B-B12-K10L Distributor | 83B2B-B12-K10L Datenblatt | 83B2B-B12-K10L RoHS |
| 83B2B-B12-K10L Equivalent | 83B2B-B12-K10L Application Notes | 83B2B-B12-K10L Data Sheet | 83B2B-B12-K10L component | 83B2B-B12-K10L Fiche Technique | 83B2B-B12-K10L Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |