Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7832 Datasheet (PDF) - California Eastern Labs

MC-7832 Datasheet PDF - California Eastern Labs
Part # MC-7832
Download  MC-7832 Download

File Size   280.98 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 870 MHz CATV 22 dB PUSH-PULL AMPLIFIER

MC-7832 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-7832 Datasheet PDF - California Eastern Labs

Part # MC-7832
Download  MC-7832 Click to download

File Size   280.98 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 870 MHz CATV 22 dB PUSH-PULL AMPLIFIER

MC-7832 Datasheet (HTML) - California Eastern Labs

MC-7832 Datasheet HTML 1Page - California Eastern Labs MC-7832 Datasheet HTML 2Page - California Eastern Labs MC-7832 Datasheet HTML 3Page - California Eastern Labs MC-7832 Datasheet HTML 4Page - California Eastern Labs MC-7832 Datasheet HTML 5Page - California Eastern Labs MC-7832 Datasheet HTML 6Page - California Eastern Labs MC-7832 Datasheet HTML 7Page - California Eastern Labs



Similar Part No. - MC-7832

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7832 CEL-MC-7832 Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
logo
Renesas Technology Corp
MC-7832 RENESAS-MC-7832 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2001
logo
California Eastern Labs
MC-7832-AZ CEL-MC-7832-AZ Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
logo
Renesas Technology Corp
MC-7832-AZ RENESAS-MC-7832-AZ Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2001
logo
NEC
MC-7832-HA NEC-MC-7832-HA Datasheet
65Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Similar Description - MC-7832

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
   870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7856 NEC-MC-7856 Datasheet
23Kb / 2P
   CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7856G CEL-MC-7856G Datasheet
26Kb / 2P
   CATV 22 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2408 ANADIGICS-ACA2408 Datasheet
209Kb / 12P
   870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com