Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA89 Datasheet (PDF) - Tyco Electronics

CA89 Datasheet PDF - Tyco Electronics
Part # CA89
Download  CA89 Download

File Size   387.95 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 100 to 800 MHz

CA89 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA89 Datasheet PDF - Tyco Electronics

Part # CA89
Download  CA89 Click to download

File Size   387.95 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 100 to 800 MHz

CA89 Datasheet (HTML) - Tyco Electronics

CA89 Datasheet HTML 1Page - Tyco Electronics CA89 Datasheet HTML 2Page - Tyco Electronics



Similar Part No. - CA89

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CA89 MA-COM-CA89 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 800 MHz
CA89 MA-COM-CA89 Datasheet
652Kb / 3P
   Cascadable Amplifier 100 to 800 MHz
logo
Extech Instruments Corp...
CA899 EXTECH-CA899 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
CA899 EXTECH-CA899_15 Datasheet
808Kb / 1P
   Extech Soft Protective Carrying Cases
More results


Similar Description - CA89

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A89 MA-COM-A89 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 800 MHz
logo
Tyco Electronics
A89 MACOM-A89 Datasheet
113Kb / 1P
   100 TO 800 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A89 MA-COM-A89_15 Datasheet
652Kb / 3P
   Cascadable Amplifier 100 to 800 MHz
A67 MA-COM-A67 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 800 MHz
logo
Tyco Electronics
A67 MACOM-A67 Datasheet
359Kb / 2P
   Cascadable Amplifier 10 to 800 MHz
logo
Teledyne Technologies I...
AC4066 TELEDYNE-AC4066 Datasheet
179Kb / 2P
   800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC4064 TELEDYNE-AC4064 Datasheet
185Kb / 2P
   800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC848 TELEDYNE-AC848 Datasheet
178Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC986 TELEDYNE-AC986 Datasheet
174Kb / 2P
   800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com