Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH-119 Datasheet (PDF) - Tyco Electronics

JH-119 Datasheet PDF - Tyco Electronics
Part # JH-119
Download  JH-119 Download

File Size   172.42 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Quadrature Hybrid, 80 - 160 MHz

JH-119 Datasheet (PDF)

Go To PDF Page Download Datasheet
JH-119 Datasheet PDF - Tyco Electronics

Part # JH-119
Download  JH-119 Click to download

File Size   172.42 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Quadrature Hybrid, 80 - 160 MHz

JH-119 Datasheet (HTML) - Tyco Electronics

JH-119 Datasheet HTML 1Page - Tyco Electronics JH-119 Datasheet HTML 2Page - Tyco Electronics



Similar Part No. - JH-119

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH-119 MA-COM-JH-119 Datasheet
92Kb / 3P
   Quadrature Hybrid, 80 - 160 MHz
logo
Tyco Electronics
JH-119PIN MACOM-JH-119PIN Datasheet
78Kb / 2P
   Quadrature Hybrid 80 - 160 MHz
logo
M/A-COM Technology Solu...
JH-119PIN MA-COM-JH-119PIN Datasheet
92Kb / 3P
   Quadrature Hybrid, 80 - 160 MHz
More results


Similar Description - JH-119

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JHS-119 MACOM-JHS-119 Datasheet
78Kb / 2P
   Quadrature Hybrid 80 - 160 MHz
logo
M/A-COM Technology Solu...
JH-119 MA-COM-JH-119 Datasheet
92Kb / 3P
   Quadrature Hybrid, 80 - 160 MHz
logo
SYNERGY MICROWAVE CORPO...
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
logo
Tyco Electronics
JH-115 MACOM-JH-115 Datasheet
172Kb / 2P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
logo
M/A-COM Technology Solu...
JH-115 MA-COM-JH-115 Datasheet
62Kb / 3P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
logo
Tyco Electronics
JHS-115 MACOM-JHS-115 Datasheet
111Kb / 2P
   Surface Mount Quadrature Hybrid 40 - 80 MHz
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
   Quadrature Hybrid 20 - 140 MHz
JHS-139 MACOM-JHS-139 Datasheet
95Kb / 2P
   Quadrature Hybrid 250 - 500 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
JH-6-4 MACOM-JH-6-4 Datasheet
172Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com