![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1374HVI - 4.5A, 500kHz Step-Down Switching Regulator - Linear Technology |
|
Click Here View 1374HVI Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LT1977 | High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current | Linear Technology |
| LM2575_06 | 1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR | Texas Instruments |
| LM25010 | 42V 1.0A Step-Down Switching Regulator | National Semiconductor |
| N2576G | 52 KHz 3A Step-Down Switching Voltage Regulator SVR | ETC |
| PT78ST100 | 1.5 Amp Positive Step-Down Integrated Switching Regulator | Texas Instruments |
| N2576G-3.3 | 52 KHz 3A Step-Down Switching Voltage Regulator SVR | ETC |
| N2576G-5 | 52 KHz 3A Step-Down Switching Voltage Regulator SVR | ETC |
| LM5575 | 75V 1.5A Step-Down Switching Regulator | National Semiconductor |
| TL497A_06 | 500-mA PEAK STEP-UP STEP-DOWN INVERTING SWITCHING VOLTAGE REGULATOR | Texas Instruments |
| LM25575 | 42V 1.5A Step-Down Switching Regulator | National Semiconductor |
Link URL |
|
|
Related keyword |
| 1374HVI Datasheet | 1374HVI Cross Reference | 1374HVI Schematic | 1374HVI Distributor | 1374HVI Datenblatt | 1374HVI RoHS |
| 1374HVI Equivalent | 1374HVI Application Notes | 1374HVI Data Sheet | 1374HVI component | 1374HVI Fiche Technique | 1374HVI Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |