Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA03503D Datasheet (PDF) - Tyco Electronics

MA03503D Datasheet PDF - Tyco Electronics
Part # MA03503D_1
Download  MA03503D Download

File Size   504.05 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Control Chip, Parallel Input Gain/Phase Control 8.0-11.0 GHz

MA03503D Datasheet (PDF)

Go To PDF Page Download Datasheet
MA03503D Datasheet PDF - Tyco Electronics

Part # MA03503D_1
Download  MA03503D Click to download

File Size   504.05 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Control Chip, Parallel Input Gain/Phase Control 8.0-11.0 GHz

MA03503D Datasheet (HTML) - Tyco Electronics

MA03503D_1 Datasheet HTML 1Page - Tyco Electronics MA03503D_1 Datasheet HTML 2Page - Tyco Electronics MA03503D_1 Datasheet HTML 3Page - Tyco Electronics MA03503D_1 Datasheet HTML 4Page - Tyco Electronics MA03503D_1 Datasheet HTML 5Page - Tyco Electronics MA03503D_1 Datasheet HTML 6Page - Tyco Electronics



Similar Part No. - MA03503D_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA03503D MACOM-MA03503D Datasheet
50Kb / 5P
   X-Band Parallel Input 5-Bit Attenuator / 6-Bit Phase Shifter / Buffer Amplifier Die
More results


Similar Description - MA03503D_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA03501D MACOM-MA03501D Datasheet
438Kb / 7P
   X-Band Gain/Phase Control MMIC 8.0 -11.0 GHz
logo
Qorvo, Inc
QPB1024 QORVO-QPB1024 Datasheet
664Kb / 10P
   8.0 ??11.0 GHz X-Band GaN SSPA
logo
M/A-COM Technology Solu...
MAAD-008866 MA-COM-MAAD-008866_15 Datasheet
304Kb / 9P
   Parallel Control
logo
Hittite Microwave Corpo...
HMC427LP3 HITTITE-HMC427LP3 Datasheet
207Kb / 6P
   GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH, DC - 8.0 GHz
logo
Cree, Inc
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
   25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
Silicon Laboratories
SI4732-A10 SILABS-SI4732-A10 Datasheet
1Mb / 3P
   Automatic gain control
logo
Tyco Electronics
AM55-0023 MACOM-AM55-0023 Datasheet
230Kb / 4P
   Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
AM55-0027 MACOM-AM55-0027 Datasheet
812Kb / 2P
   UMTS Digital Gain Control Amplifier, 1.94 - 2.34 GHz
logo
Sony Corporation
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com