Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAPGM0080-DIE Datasheet (PDF) - Tyco Electronics

MAAPGM0080-DIE Datasheet PDF - Tyco Electronics
Part # MAAPGM0080-DIE
Download  MAAPGM0080-DIE Download

File Size   331.2 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 1 W 2-18 GHz

MAAPGM0080-DIE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0080-DIE Datasheet PDF - Tyco Electronics

Part # MAAPGM0080-DIE
Download  MAAPGM0080-DIE Click to download

File Size   331.2 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 1 W 2-18 GHz

MAAPGM0080-DIE Datasheet (HTML) - Tyco Electronics

MAAPGM0080-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0080-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0080-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0080-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0080-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0080-DIE Datasheet HTML 6Page - Tyco Electronics MAAPGM0080-DIE Datasheet HTML 7Page - Tyco Electronics



Similar Part No. - MAAPGM0080-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0016-DIE MACOM-MAAPGM0016-DIE Datasheet
266Kb / 5P
   5W Ku-Band Power Amplifier 12.0-15.0 GHz
MAAPGM0018-DIE MACOM-MAAPGM0018-DIE Datasheet
330Kb / 6P
   2W Ku-Band Power Amplifier 12.0-15.5 GHz
MAAPGM0019 MACOM-MAAPGM0019 Datasheet
217Kb / 6P
   9.8-13.0 GHz 1.6 W Power Amplifier
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
More results


Similar Description - MAAPGM0080-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000080-DIE000 MACOM-MAAP-000080-DIE000 Datasheet
330Kb / 7P
   Amplifier, Power, 1 W 2-18 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408 AVAGO-AMMP-6408_15 Datasheet
376Kb / 10P
   6 to 18 GHz 1 W Power Amplifier
logo
Analog Devices
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
   18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
logo
TriQuint Semiconductor
TGA2621 TRIQUINT-TGA2621_15 Datasheet
474Kb / 13P
   16 to 18 GHz 1 W GaAs Power Amplifier
logo
Vishay Siliconix
AN7188K VISHAY-AN7188K Datasheet
20Kb / 1P
   2 Power Amplifier 18 W
logo
Teledyne Technologies I...
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2003 TELEDYNE-CLA-18-2003 Datasheet
894Kb / 2P
   Amplifier 2 GHz - 18 GHz
TMA-18-2002 TELEDYNE-TMA-18-2002 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 18 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408 AVAGO-AMMP-6408 Datasheet
524Kb / 12P
   6 to 18 GHz 1 W Power Amplifier in SMT Package
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com