Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG403-89 Datasheet (PDF) - WJ Communication. Inc.

AG403-89 Datasheet PDF - WJ Communication. Inc.
Part # AG403-89
Download  AG403-89 Download

File Size   302.04 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description InGaP HBT Gain Block

AG403-89 Datasheet (PDF)

Go To PDF Page Download Datasheet
AG403-89 Datasheet PDF - WJ Communication. Inc.

Part # AG403-89
Download  AG403-89 Click to download

File Size   302.04 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description InGaP HBT Gain Block

AG403-89 Datasheet (HTML) - WJ Communication. Inc.

AG403-89 Datasheet HTML 1Page - WJ Communication. Inc. AG403-89 Datasheet HTML 2Page - WJ Communication. Inc. AG403-89 Datasheet HTML 3Page - WJ Communication. Inc. AG403-89 Datasheet HTML 4Page - WJ Communication. Inc. AG403-89 Datasheet HTML 5Page - WJ Communication. Inc.

AG403-89 Product details

Product Description
The AG403-89 is a general-purpose buffer amplifier that offers high dynamic range in a low-cost surface-mount package. At 900 MHz, the AG403-89 typically provides 21 dB of gain, +31 dBm Output IP3, and +17.5 dBm P1dB. The device combines dependable performance with superb quality to maintain MTTF values exceeding 1000 years at mounting temperatures of +85°C and is available in the environmentally-friendly lead-free/green/RoHS-compliant SOT-89 package.

Product Features
• DC – 6000 MHz
• +17.5 dBm P1dB at 900 MHz
• +31 dBm OIP3 at 900 MHz
• 21 dB Gain at 900 MHz
• Single Voltage Supply
• Internally matched to 50 Ω
• Lead-free/Green/RoHS
compliant SOT-89 Package
• MTTF > 1000 years

Applications
• Mobile Infrastructure
• CATV / DBS
• W-LAN / ISM
• RFID
• Defense / Homeland Security
• Fixed Wireless




Similar Part No. - AG403-89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG403-89 ETC-AG403-89 Datasheet
255Kb / 6P
   InGaP HBT Gain Block
AG403-89 ETC-AG403-89 Datasheet
212Kb / 3P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG403-89 WJCI-AG403-89 Datasheet
511Kb / 6P
   InGaP HBT Gain Block
AG403-89-RFID WJCI-AG403-89-RFID Datasheet
511Kb / 6P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
AG403-89G ETC-AG403-89G Datasheet
255Kb / 6P
   InGaP HBT Gain Block
More results


Similar Description - AG403-89

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com