Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMX-090240-1277MT Datasheet (PDF) - Tyco Electronics

MAMX-090240-1277MT Datasheet PDF - Tyco Electronics
Part # MAMX-090240-1277MT
Download  MAMX-090240-1277MT Download

File Size   400.33 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Silicon Doubled Balanced HMIC Mixer 2300 - 2800 MHz

MAMX-090240-1277MT Datasheet (PDF)

Go To PDF Page Download Datasheet
MAMX-090240-1277MT Datasheet PDF - Tyco Electronics

Part # MAMX-090240-1277MT
Download  MAMX-090240-1277MT Click to download

File Size   400.33 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Silicon Doubled Balanced HMIC Mixer 2300 - 2800 MHz

MAMX-090240-1277MT Datasheet (HTML) - Tyco Electronics

MAMX-090240-1277MT Datasheet HTML 1Page - Tyco Electronics MAMX-090240-1277MT Datasheet HTML 2Page - Tyco Electronics MAMX-090240-1277MT Datasheet HTML 3Page - Tyco Electronics MAMX-090240-1277MT Datasheet HTML 4Page - Tyco Electronics MAMX-090240-1277MT Datasheet HTML 5Page - Tyco Electronics



Similar Part No. - MAMX-090240-1277MT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMX-090950-1277LT MACOM-MAMX-090950-1277LT Datasheet
130Kb / 4P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
logo
M/A-COM Technology Solu...
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT Datasheet
91Kb / 4P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT Datasheet
91Kb / 4P
   Silicon Double Balanced HMIC Mixer
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT_15 Datasheet
91Kb / 4P
   Silicon Double Balanced HMIC Mixer
More results


Similar Description - MAMX-090240-1277MT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EXP240L-1277 MACOM-MA4EXP240L-1277 Datasheet
136Kb / 6P
   Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
logo
M/A-COM Technology Solu...
MAMX-000240-1225MT MA-COM-MAMX-000240-1225MT_15 Datasheet
85Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
MAMX-000600-1225MT MA-COM-MAMX-000600-1225MT Datasheet
112Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
MAMX-000950-1225MT MA-COM-MAMX-000950-1225MT_15 Datasheet
67Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
MAMX-000600-1225MT MA-COM-MAMX-000600-1225MT_15 Datasheet
112Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
MAMX-000240-1225MT MA-COM-MAMX-000240-1225MT Datasheet
85Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
MAMX-000950-1225MT-R3 MA-COM-MAMX-000950-1225MT-R3 Datasheet
67Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
MAMX-000600-1225MT MA-COM-MAMX-000600-1225MT Datasheet
112Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
MAMX-000950-1225MT_V3 MA-COM-MAMX-000950-1225MT_V3 Datasheet
67Kb / 4P
   Silicon Doubled Balanced HMIC Mixer
logo
Tyco Electronics
MAMX-000950-1225MT MACOM-MAMX-000950-1225MT Datasheet
79Kb / 4P
   Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com