Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH2M365CXJ-5 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH2M365CXJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH2M365CXJ-5
Download  MH2M365CXJ-5 Download

File Size   226.27 Kbytes
Page   15 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HYPER PAGE MODE 75497472-BIT ( 2097152-WORD BY 36-BIT ) DYNAMIC RAM

MH2M365CXJ-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH2M365CXJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH2M365CXJ-5
Download  MH2M365CXJ-5 Click to download

File Size   226.27 Kbytes
Page   15 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HYPER PAGE MODE 75497472-BIT ( 2097152-WORD BY 36-BIT ) DYNAMIC RAM

MH2M365CXJ-5 Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button MH2M365CXJ-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH2M365CXJ-5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH2M365CXJ-5 Product details

DESCRIPTION
The MH2M365CXJ/CNXJ is 2097152-word x 36-bits dynamic RAM. This consists of four industry standard 1M x 16 dynamic RAMs in SOJ and two industry 1M x 4 dyanmic RAMs in SOJ.
The mounting of SOJ on a single in-line package provides any application where high densities and large quantities of memory are required. This is a socket-type memory module,suitable for easy interchange or addition of modules.

FEATURES

• 72pin single in-line package
• Single 5.0V ± 10% supply
• Low stand-by power dissipation
    33mW (Max) --------------------- CMOS lnput level
• Low operating power dissipation
    MH2M365CXJ/CNXJ- 5 --------------------- 2.69W (Max)
    MH2M365CXJ/CNXJ- 6 --------------------- 2.22W (Max)
    MH2M365CXJ/CNXJ- 7 --------------------- 1.92W (Max)
• Hyper-page mode , RAS-only refresh , CAS before RAS refresh, Hidden refresh capabilities
• All inputs and output directly TTL compatible 1024 refresh cycles every 16.4ms (A0 ~ A9)

APPLICATION
    Main memory unit for computers, Microcomputer memory, Refresh memory for CRT




Similar Part No. - MH2M365CXJ-5

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH20 BOURNS-MH20 Datasheet
911Kb / 6P
   MH45/MH32/MH20 Series High Current Chip Ferrite Beads
REV. 06/22
logo
MicroPower Direct, LLC
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
logo
ABC Taiwan Electronics ...
MH201210NJL ABC-MH201210NJL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH201212NJL ABC-MH201212NJL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
MH201215NJL ABC-MH201215NJL Datasheet
106Kb / 6P
   MULTILAYER CHIP INDUCTOR
More results


Similar Description - MH2M365CXJ-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4M365CXJ-5 MITSUBISHI-MH4M365CXJ-5 Datasheet
231Kb / 15P
   HYPER PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH1M365CXJ-5 MITSUBISHI-MH1M365CXJ-5 Datasheet
215Kb / 15P
   HYPER PAGE MODE 37748736-BIT ( 1048576-WORD BY 36-BIT ) DYNAMIC RAM
MH32V725BST-5 MITSUBISHI-MH32V725BST-5 Datasheet
135Kb / 22P
   HYPER PAGE MODE 2415919104 - BIT ( 33554432 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V645BWJ-5 MITSUBISHI-MH16V645BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V7245BWJ-5 MITSUBISHI-MH16V7245BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BATJ-5 MITSUBISHI-MH16V7245BATJ-5 Datasheet
152Kb / 23P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BAZTJ-5 MITSUBISHI-MH8V7245BAZTJ-5 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BWZTJ-5 MITSUBISHI-MH8V7245BWZTJ-5 Datasheet
149Kb / 24P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com