Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE34018 Datasheet (PDF) - California Eastern Labs

NE34018 Datasheet PDF - California Eastern Labs
Part # NE34018
Download  NE34018 Download

File Size   200.1 Kbytes
Page   10 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)

NE34018 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE34018 Datasheet PDF - California Eastern Labs

Part # NE34018
Download  NE34018 Click to download

File Size   200.1 Kbytes
Page   10 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)

NE34018 Datasheet (HTML) - California Eastern Labs

NE34018 Datasheet HTML 1Page - California Eastern Labs NE34018 Datasheet HTML 2Page - California Eastern Labs NE34018 Datasheet HTML 3Page - California Eastern Labs NE34018 Datasheet HTML 4Page - California Eastern Labs NE34018 Datasheet HTML 5Page - California Eastern Labs NE34018 Datasheet HTML 6Page - California Eastern Labs NE34018 Datasheet HTML 7Page - California Eastern Labs NE34018 Datasheet HTML 8Page - California Eastern Labs NE34018 Datasheet HTML 9Page - California Eastern Labs NE34018 Datasheet HTML 10Page - California Eastern Labs

NE34018 Product details

DESCRIPTION
NECs NE34018 is a low cost gallium arsenide Hetero-Junction FET housed in a miniature (SOT-343) plastic surface mount package. The device is fabricated using ion implantation for improved RF and DC performance, reliability, and uniformity. Its low noise figure, high gain, small size and weight make it an ideal low noise amplifier transistor in the 1- 3 GHz frequency range. The NE34018 is suitable for GPS, PCS, WLAN, MMDS, and other commercial applications.
NECs stringent quality assurance and test procedures ensure the highest reliability and performance.

FEATURES
• LOW COST MINIATURE PLASTIC PACKAGE (SOT-343)
• LOW NOISE FIGURE: 0.6 dB typical at 2 GHz
• HIGH ASSOCIATED GAIN: 16.0 dB typical at 2 GHz
• LG = 0.6 µm, WG = 400 µm
• TAPE & REEL PACKAGING




Similar Part No. - NE34018

ManufacturerPart #DatasheetDescription
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
NEC
NE34018-T1 NEC-NE34018-T1 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
NEC
NE34018-T2 NEC-NE34018-T2 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Similar Description - NE34018

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com