Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33970 Datasheet (PDF) - Freescale Semiconductor, Inc

33970 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33970
Download  33970 Download

File Size   2033.34 Kbytes
Page   36 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms

33970 Datasheet (PDF)

Go To PDF Page Download Datasheet
33970 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33970
Download  33970 Click to download

File Size   2033.34 Kbytes
Page   36 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms

33970 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button 33970 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33970 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

33970 Product details

Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms

This 33970 is a single-packaged, Serial Peripheral Interface (SPI) controlled, dual step motor gauge driver integrated circuit (IC). This monolithic IC consists of four dual output H-Bridge coil drivers and the associated control logic. Each pair of H-Bridge drivers is used to automatically control the speed, direction, and magnitude of current through the two coils of a two-phase instrumentation step motor, similar to an MMT-licensed AFIC 6405.


Features
• MMT-Licensed Two-Phase Step Motor Compatible
• Minimal Processor Overhead Required
• Fully Integrated Pointer Movement and Position State Machine with Air Core Movement Emulation
• 4096 Possible Steady State Pointer Positions
• 340° Maximum Pointer Sweep
• Fixed Maximum Acceleration and Deceleration of 4500°/s2
• Maximum Pointer Velocity of 400°/s
• Analog Microstepping (12 Steps/Degree of Pointer Movement)
• Pointer Calibration and Return to Zero
• SPI-Controlled 16-Bit Word
• Calibratable Internal Clock
• Low Sleep Mode Current
• Backward Compatible with MC33991
• Improved Pointer Movement, Diagnostics, and Return to Zero (RTZ)
• Pb-Free Packaging Designated by Suffix Code EG




Similar Part No. - 33970

ManufacturerPart #DatasheetDescription
logo
Heyco.
3397 HEYCO-3397 Datasheet
100Kb / 1P
   Hinged Cable Holders
logo
Freescale Semiconductor...
33972 FREESCALE-33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
33972 FREESCALE-33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
33972 NXP-33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33972A FREESCALE-33972A Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results


Similar Description - 33970

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
33976 FREESCALE-33976_07 Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
logo
NTE Electronics
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
   Integrated Circuit Dual, DC Motor Driver
NTE1834 NTE-NTE1834 Datasheet
27Kb / 3P
   Integrated Circuit Dual Reversible Motor Driver
logo
ATMEL Corporation
U4090B-P ATMEL-U4090B-P Datasheet
615Kb / 35P
   Monolithic Integrated Feature Phone Circuit EMI Improved
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
NTE Electronics
NTE1498 NTE-NTE1498 Datasheet
20Kb / 2P
   Integrated Circuit Dual Peak Power Meter Driver
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com