Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33989 Datasheet (PDF) - Freescale Semiconductor, Inc

33989 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33989
Download  33989 Download

File Size   2048.28 Kbytes
Page   66 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description System Basis Chip with High-Speed CAN Transceiver

33989 Datasheet (PDF)

Go To PDF Page Download Datasheet
33989 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33989
Download  33989 Click to download

File Size   2048.28 Kbytes
Page   66 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description System Basis Chip with High-Speed CAN Transceiver

33989 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

33989 Product details

System Basis Chip with High-Speed CAN Transceiver

The 33989 is a monolithic integrated circuit combining many functions used by microcontrollers (MCU) found in automotive Engine Control Units (ECUs). The device incorporates functions such as: two voltage regulators, four high voltage (wake up) inputs, a 1Mbaud capable CAN physical interface, an SPI interface to the MCU and VSUP monitoring and fault detection circuitry. The 33989 also provides reset control in conjunction with VSUP monitoring and the watchdog timer features. Also, an Interrupt can be generated, for the MCU, based on CAN bus activity as well as mode changes.

Features
• VDD1: Low Drop Voltage Regulator, Current Limitation, Overtemperature Detection, Monitoring, and Reset Function
• VDD1: Total Current Capability 200 mA
• V2: Tracking Function of VDD1 Regulator. Control Circuitry for External Bipolar Ballast Transistor for High Flexibility in Choice of Peripheral Voltage and Current Supply
• Low Stand-By Current Consumption in Stop and Sleep Modes
• High-Speed 1 MBaud CAN Physical Interface
• Four External High Voltage Wake-up Inputs Associated with HS1 VBAT Switch
• 150 mA Output Current Capability for HS1 VBAT Switch Allowing Drive of External Switches Pull-Up Resistors or Relays
• VSUP Failure Detection
• 40 V Maximum Transient Voltage
• Pb Free designated by suffix code EG




Similar Part No. - 33989

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3398 ETC-3398 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3398 HEYCO-3398 Datasheet
84Kb / 1P
   Nylon Cable Clamps
logo
Motorola, Inc
33981 MOTOROLA-33981 Datasheet
469Kb / 24P
   High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Freescale Semiconductor...
33981 FREESCALE-33981 Datasheet
4Mb / 37P
   Single High Side Switch
logo
NXP Semiconductors
33981 NXP-33981 Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
More results


Similar Description - 33989

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com