![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
5.0SMLJ28A - Transient Voltage Suppressor 11 to 170 Volts 5000 Watt - Micro Commercial Components |
|
Click Here View 5.0SMLJ28A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SMBJ12AON | 600 Watt Peak Power Zener Transient Voltage Suppressor | ON Semiconductor |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | ON Semiconductor |
| MMBZ5V6B | 24 Watt Peak Power Zener Transient Voltage Suppressor | Fairchild Semiconductor |
| SMF5.0AT1 | Zener Transient Voltage Suppressor SOD−123 Flat Lead Package | ON Semiconductor |
| SMBJ50CA_1 | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| SMCJ50CA_1 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| LCP02-150M | PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS | STMicroelectronics |
| SMAJ50CA_1 | 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| P6KE6V8CA_1 | 600W TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| 1PMT5.0AT1_05 | Zener Transient Voltage Suppressor POWERMITE Package | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 5.0SMLJ28A Datasheet | 5.0SMLJ28A Cross Reference | 5.0SMLJ28A Schematic | 5.0SMLJ28A Distributor | 5.0SMLJ28A Datenblatt | 5.0SMLJ28A RoHS |
| 5.0SMLJ28A Equivalent | 5.0SMLJ28A Application Notes | 5.0SMLJ28A Data Sheet | 5.0SMLJ28A component | 5.0SMLJ28A Fiche Technique | 5.0SMLJ28A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |