![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
241KD10NX - 6 to 680 Volts Varistor 2.0 to 124.0 Joule - Micro Commercial Components |
|
Click Here View 241KD10NX Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MJE270 | 2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS | ON Semiconductor |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | ON Semiconductor |
| 2302 | 2.0 Watt - 20 Volts Class C Microwave 2300 MHz | GHz Technology |
| USB2504_06 | Integrated USB 2.0 Compatible 4-Port Hub | SMSC Corporation |
| USB2005_07 | USB 2.0 ATA/ATAPI Controller with PD-DRM | SMSC Corporation |
| AD9516-3 | 14-Output Clock Generator with Integrated 2.0 GHz VCO | Analog Devices |
| MAATSS0015 | Digital Attenuator 15 dB 4-Bit DC - 2.0 GHz | Tyco Electronics |
| NGB8204N | Ignition IGBT 18 Amps 400 Volts | ON Semiconductor |
| 30N06 | 30 Amps 60 Volts N-CHANNEL POWER MOSFET | Unisonic Technologies |
| MJE171_06 | Complementary Plastic Silicon Power Transistors 40 − 60 − 80 VOLTS 12.5 WATTS | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 241KD10NX Datasheet | 241KD10NX Cross Reference | 241KD10NX Schematic | 241KD10NX Distributor | 241KD10NX Datenblatt | 241KD10NX RoHS |
| 241KD10NX Equivalent | 241KD10NX Application Notes | 241KD10NX Data Sheet | 241KD10NX component | 241KD10NX Fiche Technique | 241KD10NX Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |