![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
241KD14JX - 11 to 1000 Volts Varistor 5.2 to 510 Joule - Micro Commercial Components |
|
Click Here View 241KD14JX Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 182KD10JX | 11 to 1000 Volts Varistor 2.6 to 247Joule | Micro Commercial Components |
| 112KD10NX | 6 to 680 Volts Varistor 2.0 to 124.0 Joule | Micro Commercial Components |
| SOD4001 | 1 Amp Standard Recovery Rectifier 50 to 1000 Volts | Micro Commercial Components |
| SOD4001-TS01 | 1 Amp Standard Recovery Rectifier 50 to 1000 Volts | Micro Commercial Components |
| 1N4001H-T | 1 Amp Rectifier 50 - 1000 Volts | Micro Commercial Components |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | ON Semiconductor |
| 0405-1000M | 1000 Watts - 40 Volts 300us 10% UHF Pulsed Radar 400 - 450 MHz | Microsemi Corporation |
| MJD18002D2 | POWER TRANSISTOR 2 AMPERES 1000 VOLTS 50 WATTS Bipolar NPN Transistor | ON Semiconductor |
| MUR490E_06 | ULTRAFAST RECTIFIERS 4.0 AMPS 900 - 1000 VOLTS | ON Semiconductor |
| MUR8100E_06 | ULTRAFAST RECTIFIERS 8.0 A 800 V - 1000 V | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 241KD14JX Datasheet | 241KD14JX Cross Reference | 241KD14JX Schematic | 241KD14JX Distributor | 241KD14JX Datenblatt | 241KD14JX RoHS |
| 241KD14JX Equivalent | 241KD14JX Application Notes | 241KD14JX Data Sheet | 241KD14JX component | 241KD14JX Fiche Technique | 241KD14JX Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |