Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXH6250A Datasheet (PDF) - Freescale Semiconductor, Inc

MPXH6250A Datasheet PDF - Freescale Semiconductor, Inc
Part # MPXH6250A
Download  MPXH6250A Download

File Size   254.03 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure

MPXH6250A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPXH6250A Datasheet PDF - Freescale Semiconductor, Inc

Part # MPXH6250A
Download  MPXH6250A Click to download

File Size   254.03 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure

MPXH6250A Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MPXH6250A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXH6250A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXH6250A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXH6250A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXH6250A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXH6250A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXH6250A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXH6250A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXH6250A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXH6250A Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MPXH6250A Product details

The Freescale MPXH6250A series sensor integrates on-chip, bipolar op amp circuitry and thin film resistor networks to provide a high output signal and temperature compensation. The small form factor and high reliability of on-chip integration make the Freescale MAP sensor a logical and economical choice for automotive system designers.
The MPXH6250A series piezoresistive transducer is a state-of-the-art, monolithic, signal conditioned, silicon pressure sensor. This sensor combines advanced micromachining techniques, thin film metallization, and bipolar semiconductor processing to provide an accurate, high level analog output signal that is proportional to applied pressure.

Features
• Improved Accuracy at High Temperature
• Available in Super Small Outline Package
• 1.5% Maximum Error over 0 to 85C
• Ideally suited for Microprocessor or Microcontroller-Based Systems
• Temperature Compensated from -40 to +125C
• Durable Thermoplastic (PPS) Surface Mount Package

Application Examples
• Industrial Controls
• Engine Control/Manifold Absolute Pressure (MAP)/Liquefied Petroleum Gas (LPG)




Similar Part No. - MPXH6250A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXH6250A FREESCALE-MPXH6250A Datasheet
192Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6250A6T1 MOTOROLA-MPXH6250A6T1 Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXH6250A6T1 FREESCALE-MPXH6250A6T1 Datasheet
192Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6250A6T1 FREESCALE-MPXH6250A6T1 Datasheet
181Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
More results


Similar Description - MPXH6250A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXH6300A FREESCALE-MPXH6300A Datasheet
263Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6400A FREESCALE-MPXH6400A_07 Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A_12 Datasheet
181Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXA6115A FREESCALE-MPXA6115A_11 Datasheet
304Kb / 16P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MP3H6115A FREESCALE-MP3H6115A_12 Datasheet
187Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXV6115V FREESCALE-MPXV6115V_12 Datasheet
111Kb / 9P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
270Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com