Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH32V725BST-5 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH32V725BST-5 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH32V725BST-5
Download  MH32V725BST-5 Download

File Size   135.42 Kbytes
Page   22 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HYPER PAGE MODE 2415919104 - BIT ( 33554432 - WORD BY 72 - BIT ) DYNAMIC RAM

MH32V725BST-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH32V725BST-5 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH32V725BST-5
Download  MH32V725BST-5 Click to download

File Size   135.42 Kbytes
Page   22 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HYPER PAGE MODE 2415919104 - BIT ( 33554432 - WORD BY 72 - BIT ) DYNAMIC RAM

MH32V725BST-5 Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button MH32V725BST-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32V725BST-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32V725BST-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32V725BST-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32V725BST-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32V725BST-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32V725BST-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32V725BST-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32V725BST-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH32V725BST-5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH32V725BST-5 Product details

DESCRIPTION
The MH32V725BST is 33554432-word x 72-bit dynamic ram stacked structural module. This consist of thirty-six industry standard 16M x 4 dynamic RAMs in TSOP and two industry standard input buffer in TSSOP.
The mounting of TSOP on a card edge dual in-line package provides any application where high densities and large of quantities memory are required.
This is a socket-type memory module ,suitable for easy interchange or addition of module.

FEATURES
• Utilizes industry standard 16M x 4 RAMs SOJ and industry standard input buffer in TSSOP
• 168-pin (84-pin dual dual in-line package)
• Single 3.3V(± 0.3V) supply operation
• Low stand-by power dissipation . . . . . . . . . . 135.7mW(Max)
• Low operation power dissipation
   MH32V725BST -5 . . . . . . . . . . . . . . . . . . 14.96W(Max)
   MH32V725BST -6 . . . . . . . . . . . . . . . . . . 13.66W(Max)
• All input are directly LVTTL compatible
• All output are three-state and directry LVTTL compatible
• Includes(0.22 uF x 38) decoupling capacitors
• 4096 refresh cycle every 64ms (CBR Ref)
   8192 refresh cycle every 64ms (RAS Only Ref,Normal R/W)
• Hyper-page mpde,Read-modify-write,/CAS before /RAS refresh, Hidden refresh capabilities
• JEDEC standard pin configration & Buffered PD pin
• Buffered input except /RAS and DQ
• Gold plating contact pads

APPLICATION
   Main memory unit for computers , Microcomputer memory




Similar Part No. - MH32V725BST-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32V7245BST-5 MITSUBISHI-MH32V7245BST-5 Datasheet
138Kb / 22P
   HYPER PAGE MODE 2415919104 - BIT ( 33554432 - WORD BY 72 - BIT ) DYNAMIC RAM
MH32V7245BST-6 MITSUBISHI-MH32V7245BST-6 Datasheet
138Kb / 22P
   HYPER PAGE MODE 2415919104 - BIT ( 33554432 - WORD BY 72 - BIT ) DYNAMIC RAM
More results


Similar Description - MH32V725BST-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32V7245BST-5 MITSUBISHI-MH32V7245BST-5 Datasheet
138Kb / 22P
   HYPER PAGE MODE 2415919104 - BIT ( 33554432 - WORD BY 72 - BIT ) DYNAMIC RAM
MH32S72QJA-7 MITSUBISHI-MH32S72QJA-7 Datasheet
955Kb / 56P
   2415919104-BIT ( 33554432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-7 MITSUBISHI-MH32S72PHB-7 Datasheet
595Kb / 55P
   2415919104-BIT (33554432 - WORD BY 72-BIT)SynchronousDRAM
MH8V725BAZTJ-5 MITSUBISHI-MH8V725BAZTJ-5 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BWJ-5 MITSUBISHI-MH16V7245BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BATJ-5 MITSUBISHI-MH16V7245BATJ-5 Datasheet
152Kb / 23P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BAZTJ-5 MITSUBISHI-MH8V7245BAZTJ-5 Datasheet
147Kb / 23P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V7245BWZTJ-5 MITSUBISHI-MH8V7245BWZTJ-5 Datasheet
149Kb / 24P
   HYPER PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com