Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5000 Datasheet (PDF) - EPCOS

B5000 Datasheet PDF - EPCOS
Part # B5000
Download  B5000 Download

File Size   66.27 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 190,0 MHz

B5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B5000 Datasheet PDF - EPCOS

Part # B5000
Download  B5000 Click to download

File Size   66.27 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 190,0 MHz

B5000 Datasheet (HTML) - EPCOS

B5000 Datasheet HTML 1Page - EPCOS B5000 Datasheet HTML 2Page - EPCOS B5000 Datasheet HTML 3Page - EPCOS B5000 Datasheet HTML 4Page - EPCOS B5000 Datasheet HTML 5Page - EPCOS B5000 Datasheet HTML 6Page - EPCOS

B5000 Product details

Features
● Low-loss IF filter for GSM base stations
● Ceramic SMD package
● Temperature stable




Similar Part No. - B5000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B500-AL007-P OMRON-B500-AL007-P Datasheet
1Mb / 182P
   Programmable Controllers
logo
EPCOS
B5002 EPCOS-B5002 Datasheet
69Kb / 7P
   SAW Components Low-Loss Filter 398,0 MHz
logo
First Components Intern...
B5002 FCI-B5002 Datasheet
364Kb / 2P
   50.0 Amp Y-LEAD BLOCK AUTO DIODES
logo
DIOTEC Electronics Corp...
B5002PFA DEC-B5002PFA Datasheet
228Kb / 1P
   50 AMP PRESS FIT HIGH VOLTAGE DIODES
B5002PFC DEC-B5002PFC Datasheet
228Kb / 1P
   50 AMP PRESS FIT HIGH VOLTAGE DIODES
More results


Similar Description - B5000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com