Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6155 Datasheet (PDF) - Gamma Microelectronics Inc.

GM6155 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM6155
Download  GM6155 Download

File Size   245.5 Kbytes
Page   9 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 150mA LOW-NOISE LDO REGULATOR

GM6155 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM6155 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM6155
Download  GM6155 Click to download

File Size   245.5 Kbytes
Page   9 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 150mA LOW-NOISE LDO REGULATOR

GM6155 Datasheet (HTML) - Gamma Microelectronics Inc.

GM6155 Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6155 Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6155 Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6155 Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6155 Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6155 Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6155 Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6155 Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6155 Datasheet HTML 9Page - Gamma Microelectronics Inc.

GM6155 Product details

Description
GM6155 is an efficient linear voltage regulator with ultralow - noise output, very low dropout voltage (typically 17mV at light loads and 165mV at 50mA), and very low ground current (600µA at 100mA output). GM6155 provides better than 1% initial accuracy.

Features
◆ Ultra low noise output
◆ High output voltage accuracy
◆ Extremely accurate output voltage
◆ Guaranteed 150mA output
◆ Low quiescent current
◆ Low dropout voltage
◆ Extremely tight load and line regulation
◆ Very low temperature coefficient
◆ Current and thermal limiting
◆ Reverse-battery protection
◆ "Zero" off-mode current
◆ Logic-controlled electronic enable

Application
   Cellular telephones
   Laptop, notebook, and palmtop computers
   Battery-powered equipment
   PCMCIA VCC and VPP regulation/ switching
   Consumer/ personal electronics
   SMPS post-regulator/ dc-to-dc modules
   High-efficiency linear power supplies




Similar Part No. - GM6155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6155 ETC2-GM6155 Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
GM6155-2.5ST25R ETC2-GM6155-2.5ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
GM6155-2.7ST25R ETC2-GM6155-2.7ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
GM6155-2.8ST25R ETC2-GM6155-2.8ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
GM6155-2.9ST25R ETC2-GM6155-2.9ST25R Datasheet
108Kb / 8P
   150mA LOW - NOISE LDO REGULATOR
More results


Similar Description - GM6155

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com