![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
5KP85A - 5000W TRANSIENT VOLTAGE SUPPRESSOR - Won-Top Electronics |
|
Click Here View 5KP85A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MA3075WALT1_05 | Zener Transient Voltage Suppressor SOT−23 Dual Common Anode Zeners for ESD Protection | ON Semiconductor |
| 1.5KE6V8A_1 | 1500W TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| P4KE | 400W Transient Voltage Suppressor | Comchip Technology |
| 1SMF16BT1 | Zener Transient Voltage Suppressor SOD-123 Flat Lead Package | ON Semiconductor |
| SMS05C | 5-Line Transient Voltage Suppressor Array | ON Semiconductor |
| 1.5SMCJ_06 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| DF3A6.8FUT1 | Zener Transient Voltage Suppressor | ON Semiconductor |
| SMAT70A_1 | 400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| 1.5SMCJ180 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| ESD5B5.0ST1G | Transient Voltage Suppressor Bi-directional Micro-Packaged Diode for ESD Protection | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 5KP85A Datasheet | 5KP85A Cross Reference | 5KP85A Schematic | 5KP85A Distributor | 5KP85A Datenblatt | 5KP85A RoHS |
| 5KP85A Equivalent | 5KP85A Application Notes | 5KP85A Data Sheet | 5KP85A component | 5KP85A Fiche Technique | 5KP85A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |