![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
5KP8.5C - 5000W TRANSIENT VOLTAGE SUPPRESSOR - Won-Top Electronics |
|
Click Here View 5KP8.5C Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MA3075WALT1_05 | Zener Transient Voltage Suppressor SOT−23 Dual Common Anode Zeners for ESD Protection | ON Semiconductor |
| 1.5KE6V8A_1 | 1500W TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| P4KE | 400W Transient Voltage Suppressor | Comchip Technology |
| 1SMF16BT1 | Zener Transient Voltage Suppressor SOD-123 Flat Lead Package | ON Semiconductor |
| SMS05C | 5-Line Transient Voltage Suppressor Array | ON Semiconductor |
| 1.5SMCJ_06 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| DF3A6.8FUT1 | Zener Transient Voltage Suppressor | ON Semiconductor |
| SMAT70A_1 | 400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| 1.5SMCJ180 | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| ESD5B5.0ST1G | Transient Voltage Suppressor Bi-directional Micro-Packaged Diode for ESD Protection | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 5KP8.5C Datasheet | 5KP8.5C Cross Reference | 5KP8.5C Schematic | 5KP8.5C Distributor | 5KP8.5C Datenblatt | 5KP8.5C RoHS |
| 5KP8.5C Equivalent | 5KP8.5C Application Notes | 5KP8.5C Data Sheet | 5KP8.5C component | 5KP8.5C Fiche Technique | 5KP8.5C Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |