![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
3KP120C - 3000W TRANSIENT VOLTAGE SUPPRESSOR - Won-Top Electronics |
|
Click Here View 3KP120C Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 3.0SMCJ_06 | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| 3.0SMCJ180 | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| P6KE6V8CA_1 | 600W TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| 1PMT5.0AT1_05 | Zener Transient Voltage Suppressor POWERMITE Package | ON Semiconductor |
| 1.5KE6V8A | 1500W TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| MA3075WALT1_05 | Zener Transient Voltage Suppressor SOT−23 Dual Common Anode Zeners for ESD Protection | ON Semiconductor |
| 1.5KE6V8A_1 | 1500W TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| P4KE | 400W Transient Voltage Suppressor | Comchip Technology |
| 1SMF16BT1 | Zener Transient Voltage Suppressor SOD-123 Flat Lead Package | ON Semiconductor |
| SMS05C | 5-Line Transient Voltage Suppressor Array | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 3KP120C Datasheet | 3KP120C Cross Reference | 3KP120C Schematic | 3KP120C Distributor | 3KP120C Datenblatt | 3KP120C RoHS |
| 3KP120C Equivalent | 3KP120C Application Notes | 3KP120C Data Sheet | 3KP120C component | 3KP120C Fiche Technique | 3KP120C Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |