Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7367 Datasheet (PDF) - NXP Semiconductors

SAA7367 Datasheet PDF - NXP Semiconductors
Part # SAA7367
Download  SAA7367 Download

File Size   113.24 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bitstream conversion ADC for digital audio systems

SAA7367 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7367 Datasheet PDF - NXP Semiconductors

Part # SAA7367
Download  SAA7367 Click to download

File Size   113.24 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bitstream conversion ADC for digital audio systems

SAA7367 Datasheet (HTML) - NXP Semiconductors

Back Button SAA7367 Datasheet HTML 1Page - NXP Semiconductors SAA7367 Datasheet HTML 2Page - NXP Semiconductors SAA7367 Datasheet HTML 3Page - NXP Semiconductors SAA7367 Datasheet HTML 4Page - NXP Semiconductors SAA7367 Datasheet HTML 5Page - NXP Semiconductors SAA7367 Datasheet HTML 6Page - NXP Semiconductors SAA7367 Datasheet HTML 7Page - NXP Semiconductors SAA7367 Datasheet HTML 8Page - NXP Semiconductors SAA7367 Datasheet HTML 9Page - NXP Semiconductors SAA7367 Datasheet HTML 10Page - NXP Semiconductors Next Button 

SAA7367 Product details

GENERAL DESCRIPTION
The SAA7367 is a CMOS low-cost stereo Analog-to-Digital Converter (ADC) using the Philips bitstream conversion technique.

FEATURES
• Total Harmonic Distortion plus Noise (THD + N) = −88 dB (0.004%); DR = 93 dB; S/N = 97 dB
• Simple interfacing to analog inputs
• Small, non-critical PCB layout
• Low pin-out SO24 package (pin-compatible to SAA7366)
• 4 flexible serial interface modes
• 4.5 to 5.5 V operation
• Standby mode
• Detection of digital signal ≥−1 dB amplitude
• Up to 18 significant bits serial output
• Selectable high-pass filter.

APPLICATIONS
The device is designed for the digital acquisition of analog audio signals for digital audio systems such as:
• Compact Disc-Recordable (CD-R)
• Audio digital signal processing systems for hi-fi and musical instrument applications
• Digital Audio Tape (DAT).




Similar Part No. - SAA7367

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7360 PHILIPS-SAA7360 Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7360GP PHILIPS-SAA7360GP Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7366T PHILIPS-SAA7366T Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
More results


Similar Description - SAA7367

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7360 PHILIPS-SAA7360 Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
   Digital Audio Conversion System
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
logo
NXP Semiconductors
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
logo
Texas Instruments
TLV320ADC3100 TI1-TLV320ADC3100 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo ADC for Voice-Activated Systems and Portable Audio
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com