Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH4V644AWXJ-5 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH4V644AWXJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH4V644AWXJ-5
Download  MH4V644AWXJ-5 Download

File Size   171.0 Kbytes
Page   20 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM

MH4V644AWXJ-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH4V644AWXJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH4V644AWXJ-5
Download  MH4V644AWXJ-5 Click to download

File Size   171.0 Kbytes
Page   20 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM

MH4V644AWXJ-5 Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button MH4V644AWXJ-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH4V644AWXJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH4V644AWXJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH4V644AWXJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH4V644AWXJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH4V644AWXJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH4V644AWXJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH4V644AWXJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH4V644AWXJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH4V644AWXJ-5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH4V644AWXJ-5 Product details

DESCRIPTION
The MH4V64AWXJ is 4194304-word x 64-bit dynamic ram module. This consist of four industry standard 4M x 16 dynamic RAMs in SOJ and one industry EEPROM in TSSOP.
The mounting of SOJs and TSSOP on a card edge dual in-line package provides any application where high densities and large of quantities memory are required.
This is a socket-type memory module ,suitable for easy interchange or addition of module.

FEATURES
• Utilizes industry standard 4M x 16 RAMs in SOJ and industry standard EEPROM in TSSOP
• 168-pin (84-pin dual dual in-line package)
• Single +3.3V(±0.3V) supply operation
• Low stand-by power dissipation
    7.2mW(Max) . . . . . . . . . . . . . . . . . . . LVCMOS input level
• Low operation power dissipation
    MH4V64AWXJ -5 . . . . . . . . . . . . . . . . . . 1.59W(Max)
    MH4V64AWXJ -6 . . . . . . . . . . . . . . . . . . 1.44W(Max)
• All input are directly LVTTL compatible
• All output are three-state and directly LVTTL compatible
• Includes(0.22uF x 4) decoupling capacitors
• 4096 refresh cycle every 64ms
• Fast-page mode,Read-modify-write, /CAS before /RAS refresh,Hidden refresh capabilities
• JEDEC standard pin configuration and SPD
• Gold plating contact pads

APPLICATION
    Main memory unit for computers , Microcomputer memory




Similar Part No. - MH4V644AWXJ-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4V644AXJJ MITSUBISHI-MH4V644AXJJ Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V644AXJJ-5 MITSUBISHI-MH4V644AXJJ-5 Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V644AXJJ-5S MITSUBISHI-MH4V644AXJJ-5S Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V644AXJJ-6 MITSUBISHI-MH4V644AXJJ-6 Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V644AXJJ-6S MITSUBISHI-MH4V644AXJJ-6S Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
More results


Similar Description - MH4V644AWXJ-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4V64AXJJ MITSUBISHI-MH4V64AXJJ Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V64AWXJ-5 MITSUBISHI-MH4V64AWXJ-5 Datasheet
170Kb / 20P
   FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
M5M44800CJ MITSUBISHI-M5M44800CJ Datasheet
209Kb / 21P
   FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM
M5M44260CJ MITSUBISHI-M5M44260CJ Datasheet
296Kb / 29P
   FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
MH4V724AWXJ-5 MITSUBISHI-MH4V724AWXJ-5 Datasheet
174Kb / 20P
   FAST PAGE MODE 301989888 - BIT ( 4194304 - WORD BY 72 - BIT ) DYNAMIC RAM
MH4V36AM-6 MITSUBISHI-MH4V36AM-6 Datasheet
190Kb / 18P
   FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com