Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S93J0000F Datasheet (PDF) - Sharp Corporation

GP1S93J0000F Datasheet PDF - Sharp Corporation
Part # GP1S93J0000F
Download  GP1S93J0000F Download

File Size   141.05 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter

GP1S93J0000F Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1S93J0000F Datasheet PDF - Sharp Corporation

Part # GP1S93J0000F
Download  GP1S93J0000F Click to download

File Size   141.05 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter

GP1S93J0000F Datasheet (HTML) - Sharp Corporation

GP1S93J0000F Datasheet HTML 1Page - Sharp Corporation GP1S93J0000F Datasheet HTML 2Page - Sharp Corporation GP1S93J0000F Datasheet HTML 3Page - Sharp Corporation GP1S93J0000F Datasheet HTML 4Page - Sharp Corporation GP1S93J0000F Datasheet HTML 5Page - Sharp Corporation GP1S93J0000F Datasheet HTML 6Page - Sharp Corporation GP1S93J0000F Datasheet HTML 7Page - Sharp Corporation GP1S93J0000F Datasheet HTML 8Page - Sharp Corporation GP1S93J0000F Datasheet HTML 9Page - Sharp Corporation GP1S93J0000F Datasheet HTML 10Page - Sharp Corporation

GP1S93J0000F Product details

■ Description

GP1S93J0000Fis a compact-package, phototransistor output, transmissive photointerrupter, with opposing emitter and detector in a molding that provides non contact sensing. The compact package series is a result of unique technology combing transfer and injection molding. The device has a low profile, and wide gap.





■Features

1. Transmissive with phototransistor output

2. Highlights :

   • Compact Size

3. Key Parameters :

   • Gap Width : 2mm

   • Slit Width (detector side): 0.3mm

   • Package : 4.5×3.4×3.1mm

4. Lead free and RoHS directive compliant



■Applications

1. General purpose detection of object presence or

motion.

2. Example : printer, lens control for camera




Similar Part No. - GP1S93J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S93 SHARP-GP1S93 Datasheet
45Kb / 4P
   Subminiature Photointerrupter
More results


Similar Description - GP1S93J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S097HCZ0F SHARP-GP1S097HCZ0F Datasheet
133Kb / 9P
   Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
   SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S95J0000F SHARP-GP1S95J0000F Datasheet
138Kb / 10P
   Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S97J0000F SHARP-GP1S97J0000F Datasheet
139Kb / 10P
   Gap : 2.2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
   Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
   Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S096HCZ0F SHARP-GP1S096HCZ0F Datasheet
135Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S196HCZ0F SHARP-GP1S196HCZ0F Datasheet
159Kb / 11P
   Gap : 1.1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com