Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR05C120 Datasheet (PDF) - Solid States Devices, Inc

SSR05C120 Datasheet PDF - Solid States Devices, Inc
Part # SSR05C120
Download  SSR05C120 Download

File Size   205.44 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 5 A / 1200 V Schottky Silicon Carbide Rectifier

SSR05C120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSR05C120 Datasheet PDF - Solid States Devices, Inc

Part # SSR05C120
Download  SSR05C120 Click to download

File Size   205.44 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 5 A / 1200 V Schottky Silicon Carbide Rectifier

SSR05C120 Datasheet (HTML) - Solid States Devices, Inc

SSR05C120 Datasheet HTML 1Page - Solid States Devices, Inc SSR05C120 Datasheet HTML 2Page - Solid States Devices, Inc



Similar Part No. - SSR05C120

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR05C120 SSDI-SSR05C120 Datasheet
108Kb / 2P
   Schottky Silicon Carbide Rectifier
SSR05C120 SSDI-SSR05C120 Datasheet
123Kb / 2P
   10 A / 1200 V Schottky Silicon Carbide Rectifier
SSR05C120 SSDI-SSR05C120_1 Datasheet
108Kb / 2P
   Schottky Silicon Carbide Rectifier
More results


Similar Description - SSR05C120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP05120A ONSEMI-FFSP05120A_V01 Datasheet
304Kb / 6P
   Silicon Carbide Schottky Diode 1200 V, 5 A
January, 2020 - Rev. 2
logo
Solid States Devices, I...
SSR30C100S1 SSDI-SSR30C100S1 Datasheet
144Kb / 2P
   30 A / 1200 V Schottky Silicon Carbide Rectifier
SH0067A SSDI-SH0067A Datasheet
123Kb / 2P
   10 A / 1200 V Schottky Silicon Carbide Rectifier
SSR30C120S1 SSDI-SSR30C120S1 Datasheet
144Kb / 2P
   30 A / 1200 V Schottky Silicon Carbide Rectifier
SSR10C120CT SSDI-SSR10C120CT Datasheet
132Kb / 2P
   10 A / 1200 V Schottky Silicon Carbide Centertap Rectifier
logo
WOLFSPEED, INC.
C4D05120A WOLFSPEED-C4D05120A Datasheet
1Mb / 9P
   4th Generation 1200 V, 5 A Silicon Carbide Schottky Diode
Rev. 4, March 2023
logo
ON Semiconductor
FFSD08120A ONSEMI-FFSD08120A Datasheet
465Kb / 6P
   Silicon Carbide Schottky Diode 1200 V, 8 A
January, 2020 ??Rev. 3
FFSH15120A ONSEMI-FFSH15120A Datasheet
450Kb / 6P
   Silicon Carbide Schottky Diode 1200 V, 15 A
January, 2020 ??Rev. 2
FFSP10120A ONSEMI-FFSP10120A Datasheet
301Kb / 6P
   Silicon Carbide Schottky Diode 1200 V, 10 A
January, 2020 ??Rev. 2
FFSH10120A-F155 ONSEMI-FFSH10120A-F155 Datasheet
310Kb / 7P
   Silicon Carbide Schottky Diode 1200 V, 10 A
August, 2020 - Rev. 0
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com