Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT4959 Datasheet (PDF) - Solid States Devices, Inc

SFT4959 Datasheet PDF - Solid States Devices, Inc
Part # SFT4959
Download  SFT4959 Download

File Size   34.29 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30mA 18 VOLTS PNP TRANSISTOR

SFT4959 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFT4959 Datasheet PDF - Solid States Devices, Inc

Part # SFT4959
Download  SFT4959 Click to download

File Size   34.29 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30mA 18 VOLTS PNP TRANSISTOR

SFT4959 Datasheet (HTML) - Solid States Devices, Inc

SFT4959 Datasheet HTML 1Page - Solid States Devices, Inc SFT4959 Datasheet HTML 2Page - Solid States Devices, Inc

SFT4959 Product details

FEATURES:
• PNP Silicon Annular Transistor
• High Speed
• High Frequency
• Low Noise




Similar Part No. - SFT4959

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT4957A2 SSDI-SFT4957A2 Datasheet
121Kb / 2P
   Dual PNP RF Transistor
SFT4957A2GWS SSDI-SFT4957A2GWS Datasheet
121Kb / 2P
   Dual PNP RF Transistor
SFT4957A2GWTX SSDI-SFT4957A2GWTX Datasheet
121Kb / 2P
   Dual PNP RF Transistor
SFT4957A2GWTXV SSDI-SFT4957A2GWTXV Datasheet
121Kb / 2P
   Dual PNP RF Transistor
More results


Similar Description - SFT4959

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP617-CM4957 CENTRAL-CP617-CM4957 Datasheet
544Kb / 8P
   PNP - RF Transistor Die 30mA, 25 Volt
R1 21-March 2017
logo
Mitsubishi Electric Sem...
M54577P MITSUBISHI-M54577P Datasheet
71Kb / 2P
   7 UNIT 30MA TRANSISTOR ARRAY
M54569P MITSUBISHI-M54569P Datasheet
71Kb / 2P
   8 UNIT 30MA TRANSISTOR ARRAY
M54577P MITSUBISHI-M54577P Datasheet
36Kb / 3P
   7-UNIT 30mA TRANSISTOR ARRAY
logo
Solid States Devices, I...
SFT1192-59 SSDI-SFT1192-59 Datasheet
44Kb / 2P
   2 AMP 500 VOLTS PNP TRANSISTOR
STX6905 SSDI-STX6905 Datasheet
56Kb / 2P
   1 AMP 600 VOLTS PNP TRANSISTOR
logo
Diodes Incorporated
ZXTR2005Z DIODES-ZXTR2005Z_15 Datasheet
343Kb / 7P
   100V INPUT, 5V 30mA REGULATOR TRANSISTOR
ZXTR2012Z DIODES-ZXTR2012Z Datasheet
337Kb / 7P
   100V INPUT, 12V 30mA REGULATOR TRANSISTOR
ZXTR2005Z DIODES-ZXTR2005Z Datasheet
179Kb / 7P
   100V INPUT, 5V 30mA REGULATOR TRANSISTOR
ZXTR2005Z DIODES-ZXTR2005Z_17 Datasheet
367Kb / 7P
   100V INPUT, 5V 30mA REGULATOR TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com