![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
UF1J - 1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE - Won-Top Electronics |
|
Click UF1J to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| EFS1J | 1.0A LOW VF SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE | Won-Top Electronics |
| ER1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE | Won-Top Electronics |
| ES1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE | Won-Top Electronics |
| FR1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE | Won-Top Electronics |
| GS1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE | Won-Top Electronics |
| RS1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE | Won-Top Electronics |
| S1A_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE | Won-Top Electronics |
| DF005S_06 | 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | Won-Top Electronics |
| FR3A_06 | 3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE | Won-Top Electronics |
| BYD187Z | SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER | Zowie Technology Corporation |
Link URL |
|
|
Related keyword |
| UF1J Datasheet | UF1J Cross Reference | UF1J Schematic | UF1J Distributor | UF1J Datenblatt | UF1J RoHS |
| UF1J Equivalent | UF1J Application Notes | UF1J Data Sheet | UF1J component | UF1J Fiche Technique | UF1J Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |