Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N08M1618L1A Datasheet (PDF) - AMI SEMICONDUCTOR

N08M1618L1A Datasheet PDF - AMI SEMICONDUCTOR
Part # N08M1618L1A
Download  N08M1618L1A Download

File Size   195.84 Kbytes
Page   11 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description 8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit

N08M1618L1A Datasheet (PDF)

Go To PDF Page Download Datasheet
N08M1618L1A Datasheet PDF - AMI SEMICONDUCTOR

Part # N08M1618L1A
Download  N08M1618L1A Click to download

File Size   195.84 Kbytes
Page   11 Pages
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR
Description 8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit

N08M1618L1A Datasheet (HTML) - AMI SEMICONDUCTOR

Back Button N08M1618L1A Datasheet HTML 1Page - AMI SEMICONDUCTOR N08M1618L1A Datasheet HTML 2Page - AMI SEMICONDUCTOR N08M1618L1A Datasheet HTML 3Page - AMI SEMICONDUCTOR N08M1618L1A Datasheet HTML 4Page - AMI SEMICONDUCTOR N08M1618L1A Datasheet HTML 5Page - AMI SEMICONDUCTOR N08M1618L1A Datasheet HTML 6Page - AMI SEMICONDUCTOR N08M1618L1A Datasheet HTML 7Page - AMI SEMICONDUCTOR N08M1618L1A Datasheet HTML 8Page - AMI SEMICONDUCTOR N08M1618L1A Datasheet HTML 9Page - AMI SEMICONDUCTOR N08M1618L1A Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button 

N08M1618L1A Product details

Overview
The N08M1618L1A is an integrated memory device intended for non life-support medical applications. This device is a 8 megabit memory organized as 524,288 words by 16 bits. The device is designed and fabricated using AMI Semiconductor’s advanced CMOS technology with reliability inhancements for medical users.

Features
• Dual voltage for Optimum Performance:
    Vccq - 2.3 to 3.6 Volts
    Vcc - 1.4 to 2.2 Volts
• Very low standby current
    0.5µA at 1.8V and 37 deg C
• Very low operating current
    1.0mA at 1.8V and 1µs (Typical)
• Very low Page Mode operating current
    0.5mA at 1.8V and 1µs (Typical)
• Simple memory control
    Dual Chip Enables (CE1 and CE2)
    Byte control for independent byte operation
    Output Enable (OE) for memory expansion
• Low voltage data retention
    Vcc = 1.2V
• Special Processing to reduce Soft Error Rate (SER)
• Automatic power down to standby mode




Similar Part No. - N08M1618L1A

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08M163WL1AB NANOAMP-N08M163WL1AB Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08M163WL1AB-70I NANOAMP-N08M163WL1AB-70I Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08M163WL1AD NANOAMP-N08M163WL1AD Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08M163WL1AD-70I NANOAMP-N08M163WL1AD-70I Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Similar Description - N08M1618L1A

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
logo
GSI Technology
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com