Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2616 Datasheet (PDF) - NXP Semiconductors

TDA2616 Datasheet PDF - NXP Semiconductors
Part # TDA2616
Download  TDA2616 Download

File Size   87.88 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 12 W hi-fi audio power amplifiers with mute

TDA2616 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2616 Datasheet PDF - NXP Semiconductors

Part # TDA2616
Download  TDA2616 Click to download

File Size   87.88 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 12 W hi-fi audio power amplifiers with mute

TDA2616 Datasheet (HTML) - NXP Semiconductors

Back Button TDA2616 Datasheet HTML 1Page - NXP Semiconductors TDA2616 Datasheet HTML 2Page - NXP Semiconductors TDA2616 Datasheet HTML 3Page - NXP Semiconductors TDA2616 Datasheet HTML 4Page - NXP Semiconductors TDA2616 Datasheet HTML 5Page - NXP Semiconductors TDA2616 Datasheet HTML 6Page - NXP Semiconductors TDA2616 Datasheet HTML 7Page - NXP Semiconductors TDA2616 Datasheet HTML 8Page - NXP Semiconductors TDA2616 Datasheet HTML 9Page - NXP Semiconductors TDA2616 Datasheet HTML 10Page - NXP Semiconductors Next Button 

TDA2616 Product details

GENERAL DESCRIPTION

The TDA2616 and TDA2616Q are dual power amplifiers. The TDA2616 is supplied in a 9-lead single-in-line (SIL9) plastic power package (SOT131), while the TDA2616Q is supplied in a 9-lead SIL-bent-to-DIL plastic power package (SOT157). They have been especially designed for mains fed applications, such as stereo radio and stereo TV.



FEATURES

• Requires very few external components

• No switch-on/switch-off clicks

• Input mute during switch-on and switch-off

• Low offset voltage between output and ground

• Excellent gain balance of both amplifiers

• Hi-fi in accordance with IEC 268 and DIN 45500

• Short-circuit proof and thermal protected

• Mute possibility.




Similar Part No. - TDA2616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA2616Q NXP-TDA2616Q Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
More results


Similar Description - TDA2616

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
   28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com