Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SC6053
(1)
2SC6053 - FOR HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE - Isahaya Electronics Corporation
Click Here View
2SC6053
Datasheet
Part No.
2SC6053
Description
FOR HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
Download
2SC6053
Click here
to View
File Size
83.22 Kbytes / 4 Pages
Maker
ISAHAYA [Isahaya Electronics Corporation]
Homepage
http://www.idc-com.co.jp/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
MC2831
FOR
HIGH
SPEED
SWITCHING
APPLICATION
SILICON
EPITAXIAL
TYPE
Isahaya Electronics Corporation
2SC5210
FOR
SMALL
TYPE
COLOUR
TV
CHROMA
OUTPUT
APPLICATION
SILICON
NPN
TRIPLE
DIFFUSED
TYPE
Isahaya Electronics Corporation
MA3X720
Silicon
epitaxial
planar
type
For
high
frequency
rectification
Panasonic Semiconductor
2SA1284
FOR
LOW
FREQUENCY
POWER
AMPLIFY
APPLICATION
SILICON
PNP
EPITAXIAL
TYPE
Isahaya Electronics Corporation
MMBT489LT1_06
High
Current
Surface
Mount
NPN
Silicon
Switching
Transistor
for
Load
Management
in
Portable
Applications
ON Semiconductor
MC2837
FOR
HIGH
SPEED
SWITCHING
APPLICATION
SILICON
EPITAXIAL
TYPE
SERIES
TYPE
Isahaya Electronics Corporation
XN04381
Silicon
NPN
epitaxial
planar
type
Tr1
Silicon
PNP
epitaxial
planar
type
Tr2
For
switching/digital
circuits
Panasonic Semiconductor
2SC5128
Silicon
NPN
triple
diffusion
planar
type
For
high
breakdown
voltage
high-speed
switching
Panasonic Semiconductor
2SC5383
FOR
LOW
FREQUENCY
AMPLIFY
APPLICATION
SILICON
NPN
EPITAXIAL
TYPE
Ultra
super
mini
type
Isahaya Electronics Corporation
NST489AMT1
High
Current
Surface
Mount
NPN
Silicon
Low
VCE
sat
Switching
Transistor
for
Load
Management
in
Portable
Applications
ON Semiconductor
Link URL :
Related keyword
2SC6053 Datasheet
2SC6053 Cross Reference
2SC6053 Schematic
2SC6053 Distributor
2SC6053 Datenblatt
2SC6053 RoHS
2SC6053 Equivalent
2SC6053 Application Notes
2SC6053 Data Sheet
2SC6053 components
2SC6053 Fiche Technique
2SC6053 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer