Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
510-
(15)
5100
(13)
5101
(15)
5102
(13)
5103
(1)
5104
(1)
510L
(1)
510P
(1)
5103 - 7/8 Diameter Single Turn Wirewound Precision Potentiometer - Bi technologies
Click Here View
5103
Datasheet
Part No.
5103
Description
7/8 Diameter Single Turn Wirewound Precision Potentiometer
Download
5103
Click here
to View
File Size
104.55 Kbytes / 4 Pages
Maker
BITECH [Bi technologies]
Homepage
http://www.bitechnologies.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
5311
1-5/16
Diameter
Single
Turn
Wirewound
Precision
Potentiometer
ETC
3371
1-5/16
Diameter
Single
Turn
Conductive
Plastic
Precision
Potentiometer
/
Position
Sensor
Bi technologies
7480
7/8
Diameter
5-Turn
Wirewound
Precision
Potentiometer
Bi technologies
7274
7/8
Diameter
Plastic
10-Turn
Wirewound
Precision
Potentiometer
ETC
24WR10KLFTR
4mm
Diameter
Single
Turn
Cermet
Trimming
Potentiometer
Bi technologies
62PR10KLF
1/4
Diameter
Single
Turn
Cermet
Trimming
Potentiometer
Bi technologies
82PR10KLF
1/4
Diameter
Single
Turn
Cermet
Trimming
Potentiometer
Bi technologies
91PR10KLF
3/8
Diameter
Single
Turn
Cermet
Trimming
Potentiometer
Bi technologies
93PR10KLF
1/2
Diameter
Single
Turn
Cermet
Trimming
Potentiometer
Bi technologies
22AR10KLFTR
3
mm
Single
Turn
Sealed
Surface
Mount
Cermet
Trimming
Potentiometer
Bi technologies
Link URL :
Related keyword
5103 Datasheet
5103 Cross Reference
5103 Schematic
5103 Distributor
5103 Datenblatt
5103 RoHS
5103 Equivalent
5103 Application Notes
5103 Data Sheet
5103 components
5103 Fiche Technique
5103 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer