Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN11 Datasheet (PDF) - Bi technologies

EN11 Datasheet PDF - Bi technologies
Part # EN11
Download  EN11 Download

File Size   584.92 Kbytes
Page   4 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant

EN11 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN11 Datasheet PDF - Bi technologies

Part # EN11
Download  EN11 Click to download

File Size   584.92 Kbytes
Page   4 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant

EN11 Datasheet (HTML) - Bi technologies

EN11 Datasheet HTML 1Page - Bi technologies EN11 Datasheet HTML 2Page - Bi technologies EN11 Datasheet HTML 3Page - Bi technologies EN11 Datasheet HTML 4Page - Bi technologies

EN11 Product details

Model EN11

   11mm Rotary Encoder
   2 Bits Gray Code
   Incremental/Contacting Type
   Metal Bushing/Shaft
   Push-on Switch Option
   RoHS Compliant




Similar Part No. - EN11

ManufacturerPart #DatasheetDescription
logo
Bi technologies
EN11 BITECH-EN11 Datasheet
144Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
logo
TT Electronics.
EN11 TTELEC-EN11 Datasheet
817Kb / 4P
   2 bits gray code
logo
Bi technologies
EN11-HNB BITECH-EN11-HNB Datasheet
125Kb / 4P
   11mm Rotary Encoder
EN11-HNB0AF20 BITECH-EN11-HNB0AF20 Datasheet
144Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN11-HNB0AQ20 BITECH-EN11-HNB0AQ20 Datasheet
144Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
More results


Similar Description - EN11

ManufacturerPart #DatasheetDescription
logo
Bi technologies
EN11 BITECH-EN11_11 Datasheet
144Kb / 4P
   11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant
EN12 BITECH-EN12_15 Datasheet
75Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN12 BITECH-EN12 Datasheet
621Kb / 3P
   12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
EN16 BITECH-EN16 Datasheet
262Kb / 3P
   16mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft RoHS Compliant
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
   24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P170N BITECH-P170N Datasheet
441Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
Bi technologies
P110KV BITECH-P110KV Datasheet
366Kb / 4P
   11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
P09X BITECH-P09X Datasheet
532Kb / 5P
   9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
logo
List of Unclassifed Man...
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com