Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST202CN Datasheet (PDF) - STMicroelectronics

ST202CN Datasheet PDF - STMicroelectronics
Part # ST202CN
Download  ST202CN Download

File Size   303.32 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V Powered multi-channel RS-232 drivers and receivers

ST202CN Datasheet (PDF)

Go To PDF Page Download Datasheet
ST202CN Datasheet PDF - STMicroelectronics

Part # ST202CN
Download  ST202CN Click to download

File Size   303.32 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V Powered multi-channel RS-232 drivers and receivers

ST202CN Datasheet (HTML) - STMicroelectronics

Back Button ST202CN Datasheet HTML 1Page - STMicroelectronics ST202CN Datasheet HTML 2Page - STMicroelectronics ST202CN Datasheet HTML 3Page - STMicroelectronics ST202CN Datasheet HTML 4Page - STMicroelectronics ST202CN Datasheet HTML 5Page - STMicroelectronics ST202CN Datasheet HTML 6Page - STMicroelectronics ST202CN Datasheet HTML 7Page - STMicroelectronics ST202CN Datasheet HTML 8Page - STMicroelectronics ST202CN Datasheet HTML 9Page - STMicroelectronics ST202CN Datasheet HTML 10Page - STMicroelectronics Next Button 

ST202CN Product details

Description

The ST202 is a 2 driver, 2 receiver device following EIA/TIA-232 and V.28 communication standard. It is particularly suitable for applications where ± 12 V is not available. The ST202 uses a single 5 V power supply and only four external capacitors (0.1 µF). Typical application are in: portable computers, low power modems, interfaces translation, battery powered RS-232 networks.



Features

■ Supply voltage range: 4.5 to 5.5 V

■ Supply current no load (typ.): 1.5 mA

■ Transmitter output voltage swing (Typ): ± 9 V

■ Transition slew rate (typ.): 12 V/ms

■ Receiver propagation delay (typ.): 0.1 ms

■ Compatible with MAX202

■ Receiver input voltage range: ± 30 V

■ Data rate (typ.): 400 kbps/s

■ Operating temperature range: -40 to 85 °C, 0 to 70 °C



 




Similar Part No. - ST202CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202CN STMICROELECTRONICS-ST202CN Datasheet
527Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
More results


Similar Description - ST202CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST232 STMICROELECTRONICS-ST232 Datasheet
93Kb / 11P
   5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
February 2001
ST202 STMICROELECTRONICS-ST202 Datasheet
527Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
ST232 STMICROELECTRONICS-ST232_06 Datasheet
337Kb / 19P
   5V Powered multi-channel RS-232 drivers and receivers
logo
Sipex Corporation
SP230A SIPEX-SP230A Datasheet
661Kb / 17P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
SP230A SIPEX-SP230A Datasheet
399Kb / 17P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
Exar Corporation
SP238A EXAR-SP238A Datasheet
528Kb / 12P
   5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com